Electronic Components Datasheet Search
  English  ▼

X  

UM1529 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1529
Description  This document describes the functioning
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1529 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1529 Datasheet HTML 10Page - STMicroelectronics UM1529 Datasheet HTML 11Page - STMicroelectronics UM1529 Datasheet HTML 12Page - STMicroelectronics UM1529 Datasheet HTML 13Page - STMicroelectronics UM1529 Datasheet HTML 14Page - STMicroelectronics UM1529 Datasheet HTML 15Page - STMicroelectronics UM1529 Datasheet HTML 16Page - STMicroelectronics UM1529 Datasheet HTML 17Page - STMicroelectronics UM1529 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Hardware details
UM1529
14/35
Doc ID 022953 Rev 1
5.7
Battery management section
Two batteries are used in the circuit.
5.7.1
Coin cell BT1
BT1 CR2032 (3 V, 225 mAh) is the microcontroller power source in halt mode to keep RTC
running.
5.7.2
Rechargeable battery BT2
BT2 VL2330 (3 V, 50 mAh) for pushbutton and IRDA operation when mains power is OFF.
●
The rechargeable battery acts as power source for the microcontroller section when the
pushbutton is pressed during mains power-off.
●
It is charged based on trickle charging mode during mains power-on.
5.7.3
Small signal Schottky diode D11, D12, D13, D14, D5
Diodes (D11, D12, D13, D14, D5) BAT30KFILM (SOD - 523) based circuit is used to select
power source for the microcontroller.
5.7.4
Switch SW3
Switch SW3 is the pushbutton switch. SW3 is used to control LCD display modes.
When mains power is ON, on pressing the pushbutton, the LCD display is executed as per
the pushbutton run mode.
When mains power is OFF, on pressing the pushbutton, the LCD display is executed as per
the pushbutton low-power mode.
5.8
IRDA section
5.8.1
IRDA transceiver U6
IRDA transceiver TFDU6300 is used for IRDA communication.
5.8.2
Jumper J6
Using jumper J6, IRDA transmit and receive pins allow the testing of the IRDA section using
the SerialIO GUI.
For more details, refer to Section 6.7.2: SerialIO GUI.
Table 2.
Pin jumper headers
Jumper
Pin1
Pin2
J6
PC3_IRDA_Tx
IRDA transmit pin
PC2_IRDA_Rx IRDA receive pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com