Electronic Components Datasheet Search
  English  ▼

X  

AN3180 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3180
Description  A 200 W ripple-free input current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3180 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3180 Datasheet HTML 3Page - STMicroelectronics AN3180 Datasheet HTML 4Page - STMicroelectronics AN3180 Datasheet HTML 5Page - STMicroelectronics AN3180 Datasheet HTML 6Page - STMicroelectronics AN3180 Datasheet HTML 7Page - STMicroelectronics AN3180 Datasheet HTML 8Page - STMicroelectronics AN3180 Datasheet HTML 9Page - STMicroelectronics AN3180 Datasheet HTML 10Page - STMicroelectronics AN3180 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
AN3180
Zero-ripple current phenomenon: theory
Doc ID 17273 Rev 1
7/39
Figure 5.
Coupled inductor a = ne/k model under zero-ripple current conditions
Similarly, considering the model of Figure 5, again excited by proportional voltages v(t) and
αv(t), it is equally apparent that, in order for the primary ripple current to be zero the voltage
across the inductance L1 (1-k
2) must be zero, that is, the voltage on either side of it must be
the same:
Equation 4
If in Equation 3 and 4
α=1, which means that equal voltages are impressed on either side of
the coupled inductor, we find the above mentioned assertion. As
α=1 is the most common
condition found in switching converters, from now on this is the only case that is taken into
consideration, therefore:
●
condition for zero-ripple secondary current
●
condition for zero-ripple primary current
Note that, as k < 1, to obtain a zero-ripple secondary current it must be ne > 1, that is L2 >
L1, while to obtain a zero-ripple primary current it must be ne < 1, that is L1 > L2; and so
ripple current cannot be reduced to zero in both windings simultaneously. In Figure 4 and 5,
note also that the inductance of the winding, where zero-ripple current is achieved, is
irrelevant, since there is no ripple current flowing (only DC current can flow). As a
consequence, the zero-ripple current winding reflects an open circuit to the other one, so
that the inductance seen at the terminals of that winding equals exactly its self-inductance.
The designation of which winding is the primary or the secondary is purely conventional.
Therefore, we consider only one zero-ripple current condition and arbitrarily assume the
condition to be assigned to the secondary winding:
Equation 5
which, consistent with the terminology used for the smoothing transformer of Figure 3, is
termed DC winding, while the primary winding is termed AC or cancellation winding.
Equation 5
, considering Equation 1 and 2 can be written in different equivalent ways:
e
e
e
n
n
v
n
v
=
α
⇒
=
α
⇒
α
=
k
1
k
)
t
(
k
)
t
(
1
k
=
e
n
e
n
=
k
1
k
=
e
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com