Electronic Components Datasheet Search
  English  ▼

X  

AN3180 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3180
Description  A 200 W ripple-free input current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3180 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3180 Datasheet HTML 1Page - STMicroelectronics AN3180 Datasheet HTML 2Page - STMicroelectronics AN3180 Datasheet HTML 3Page - STMicroelectronics AN3180 Datasheet HTML 4Page - STMicroelectronics AN3180 Datasheet HTML 5Page - STMicroelectronics AN3180 Datasheet HTML 6Page - STMicroelectronics AN3180 Datasheet HTML 7Page - STMicroelectronics AN3180 Datasheet HTML 8Page - STMicroelectronics AN3180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
AN3180
Basic topologies with zero-ripple current
Doc ID 17273 Rev 1
5/39
All converter topologies are capable of producing zero-ripple current phenomenon, provided
there are two or more inductors which have equal (or, more generally, proportional) voltages
of equal frequency and phase. Some topologies, such as Cuk and SEPIC, have two
inductors, which can be coupled on a common magnetic core: so they immediately lend
themselves to ripple-steering. The other basic topologies - buck, boost, buck-boost, flyback
and single-output forward - have typically a single inductor and then, to reduce its ripple
current to zero, they must be modified with the addition of a second winding wound on the
same inductor core. Moreover, this additional winding must be connected in such a way as
to have the same voltage as the winding where the ripple current is to be cancelled.
Figure 2 shows examples of how to modify some of the basic topologies to achieve zero-
ripple inductor current, to have non-pulsating current at either the input or the output. In all
examples it is possible to recognize the addition of a cell, a two-port circuit commonly
termed a smoothing transformer and shown separately in Figure 3. This cell is able to divert,
or steer, the AC component (the ripple current) from the externally accessible DC winding,
to the AC winding (cancellation winding) whose current conduction path goes directly to the
input port, leaving only DC current flowing through the DC winding and the output port. Note
that the denomination of input and output ports of the smoothing transformer cell is different
from that of input and output of the converter where the cell is applied.
Figure 3.
Smoothing transformer and related currents
This application note, after reviewing the theoretical base, considers the realization of zero-
ripple inductor current to minimize the input ripple in a TM PFC pre-regulator. In these
systems, the large input ripple is one of the major limitations to its use at higher power
levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com