Electronic Components Datasheet Search
  English  ▼

X  

AN3180 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3180
Description  A 200 W ripple-free input current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3180 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3180 Datasheet HTML 18Page - STMicroelectronics AN3180 Datasheet HTML 19Page - STMicroelectronics AN3180 Datasheet HTML 20Page - STMicroelectronics AN3180 Datasheet HTML 21Page - STMicroelectronics AN3180 Datasheet HTML 22Page - STMicroelectronics AN3180 Datasheet HTML 23Page - STMicroelectronics AN3180 Datasheet HTML 24Page - STMicroelectronics AN3180 Datasheet HTML 25Page - STMicroelectronics AN3180 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
A 200 W ripple-free input current PFC pre-regulator
AN3180
22/39
Doc ID 17273 Rev 1
R9
56 k
Ω
Standard metal film res - 1/4 W - 1 % -100 ppm/°C
VISHAY
R10
56 k
Ω
Standard metal film res - 1/4 W - 5 % -100 ppm/°C
VISHAY
R11
100 k
Ω
SMD-0805 standard film res - 1/8 W - 5 % -100 ppm/°C
VISHAY
R12
220
Ω
Standard metal film res - 1/4 W - 5 % -100 ppm/°C
VISHAY
R13
10
Ω
SMD-0805 standard film res - 1/8 W - 5 % -100 ppm/°C
VISHAY
R14
10 k
Ω
SMD-0805 standard film res - 1/8 W - 5 % -100 ppm/°C
VISHAY
R15
1.0 M
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R16
1.0
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R17
390 k
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R18
15 k
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R19
2.2 M
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R20
2.2 M
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R21
1.8 M
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R22
36 k
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R23
1.0 M
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R24
120 k
Ω
SMD-0805 standard film res - 1/8 W - 5 % -100 ppm/°C
VISHAY
RT1
2.5
Ω 10 A
2.5R NTC resistor
EPCOS
RX1
1.8 M
Ω
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
RX2
1.8 M
Ω
SMD standard film res - 1/4 W - 5 % - 250 ppm/°C
VISHAY
U1
L6563S
Transition-mode PFC controller
STMicroelectronics
Table 1.
Bill of material (continued)
Ref.
Value
Description
Supplier
Table 2.
200 W PFC pre-regulator with ripple-free input current: electrical
specification
Symbol
Description
Value
Unit
VACmin - VACmax
Line voltage range
90 - 265
Vrms
Vout
Regulated output voltage
400
Vdc
Pout
Rated output power
200
W
fswmin
Minimum switching frequency
40
kHz
h
Expected minimum efficiency
90
%
ΔV
out
Full-load output voltage ripple
15
Vpk-pk
ΔV
OVP
Maximum output overvoltage
45
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com