Electronic Components Datasheet Search
  English  ▼

X  

AN3180 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3180
Description  A 200 W ripple-free input current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3180 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3180 Datasheet HTML 28Page - STMicroelectronics AN3180 Datasheet HTML 29Page - STMicroelectronics AN3180 Datasheet HTML 30Page - STMicroelectronics AN3180 Datasheet HTML 31Page - STMicroelectronics AN3180 Datasheet HTML 32Page - STMicroelectronics AN3180 Datasheet HTML 33Page - STMicroelectronics AN3180 Datasheet HTML 34Page - STMicroelectronics AN3180 Datasheet HTML 35Page - STMicroelectronics AN3180 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Electrical equivalent circuit models of coupled inductors and transformers
AN3180
32/39
Doc ID 17273 Rev 1
inductance Lb is associated to the secondary leakage flux, the flux generated by the
secondary winding and not completely linked to itself nor to the primary winding: it is called
secondary leakage inductance and is designated by Ll2.
This choice of a is perhaps the most logical one, and is also very useful because it provides
a clear physical meaning to each element of the equivalent circuit, shown in Figure 25, but it
is not the only one that makes sense.
Figure 25.
Model of coupled inductors with a = n (a=n model)
Another possible choice, which leads to always positive values for La and Lb, is a =
.
This quantity, usually indicated with ne, is termed “equivalent turn ratio” and is conceptually
and numerically different from the physical turn ratio n:
Equation 27
which coincides with n if and only if Ll2 = n
2 L
l1, that is in case of symmetrical magnetic
coupling (k1 = k2 = k).
This choice is particularly useful when the physical turn ratio n is unknown, so that it is
possible to complete the model computing ne from L1 and L2, which are easily measurable.
In this case, Equation 26, considering Equation 23, takes the form:
Equation 28
It is worth noting that Lb, reflected back to the primary side, equals La, as pointed out by the
third Equation 28. Note that this property is often erroneously attributed to the primary and
secondary leakage inductances Ll1 and Ll2. It is worth stating once more that k represents
an average coupling between the windings and that the coupling k1 of the primary winding
to the secondary one is generally different from the coupling k2 of the secondary winding to
the primary one, and so Ll2 ≠ n2 Ll1. It is Ll2 = n2 Ll1 only in the special case of a winding
geometry symmetrical in such a way that the reluctance of the leakage flux path is the same
for both windings, resulting in symmetrical coupling between windings (k1 = k2 = k).
L
2 L1
⁄
M
1
M
2
2
1
2
L
L
L
L
L
L
+
+
=
=
l
l
n
ne
(
)
()
⎪
⎩
⎪
⎨
⎧
=
−
=
=
−
=
μ
a
2
2
b
1
1
a
L
L
k
1
L
L
k
L
L
k
1
L
e
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com