Electronic Components Datasheet Search
  English  ▼

X  

AN3180 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3180
Description  A 200 W ripple-free input current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3180 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3180 Datasheet HTML 1Page - STMicroelectronics AN3180 Datasheet HTML 2Page - STMicroelectronics AN3180 Datasheet HTML 3Page - STMicroelectronics AN3180 Datasheet HTML 4Page - STMicroelectronics AN3180 Datasheet HTML 5Page - STMicroelectronics AN3180 Datasheet HTML 6Page - STMicroelectronics AN3180 Datasheet HTML 7Page - STMicroelectronics AN3180 Datasheet HTML 8Page - STMicroelectronics AN3180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
AN3180
List of figures
Doc ID 17273 Rev 1
3/39
List of figures
Figure 1.
EVL6563S-200ZRC 200W PFC demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Some basic topologies with zero-ripple current characteristics . . . . . . . . . . . . . . . . . . . . . . 4
Figure 3.
Smoothing transformer and related currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 4.
Coupled inductor a = k ne model under zero-ripple current conditions. . . . . . . . . . . . . . . . . 6
Figure 5.
Coupled inductor a = ne/k model under zero-ripple current conditions. . . . . . . . . . . . . . . . . 7
Figure 6.
Coupled inductor a = n model under zero-ripple current conditions . . . . . . . . . . . . . . . . . . . 8
Figure 7.
Ripple-current attenuation as a function of the error sources for various winding coupling 12
Figure 8.
Examples of high-leakage magnetic structures (cross-section) . . . . . . . . . . . . . . . . . . . . . 13
Figure 9.
Two-section slotted bobbin suggested for the realization of a coupled inductor - top view 14
Figure 10.
Two-section slotted bobbin suggested for the realization of a coupled inductor - side view14
Figure 11.
Partial ripple cancellation: still under compensated . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 12.
Partial ripple cancellation: overcompensated . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 13.
200 W PFC pre-regulator with ripple-free input current: electrical schematic. . . . . . . . . . . 20
Figure 14.
Harmonic emissions and conformity to JEITA-MITI standards . . . . . . . . . . . . . . . . . . . . . . 23
Figure 15.
Harmonic emissions and conformity to EN61000-3-2 standards . . . . . . . . . . . . . . . . . . . . 23
Figure 16.
200W PFC pre-regulator with ripple-free input current: typical performance . . . . . . . . . . . 24
Figure 17.
Line current and voltage @ full load (200 W) - Line current and voltage @ 115 Vac -
200 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 18.
Line current and voltage @ full load (200 W) - Line current and voltage @ 230 Vac -
200 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 19.
AC and DC winding currents nominal input voltages and full load (200 W) - AC and DC
winding currents @ 115 Vac - 200 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 20.
AC and DC winding currents nominal input voltages and full load (200 W) - AC and DC
winding currents @ 230 Vac - 200 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 21.
Conducted EMI @ Vin = 110 Vac, Pout = 100 W. Limits: EN50022 class B -
precompliance EMI test @ 115 Vac - 200 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 22.
Conducted EMI @ Vin = 110 Vac, Pout = 100 W. Limits: EN50022 class B -
precompliance EMI test @ 230 Vac - 200 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 23.
Coupled inductors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 24.
Electrical equivalent circuit of coupled inductors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 25.
Model of coupled inductors with a = n (a=n model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 26.
Model of coupled inductors with a = ne (a = ne model). . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 27.
Model of coupled inductors with a = 1 (a =1 model, or T-model) . . . . . . . . . . . . . . . . . . . . 33
Figure 28.
Model of coupled inductors with a = k ne (a = k ne model). . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 29.
Model of coupled inductors with a = ne/k (a = ne/k model) . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 30.
Winding connections: aiding flux (left), opposing flux (right). . . . . . . . . . . . . . . . . . . . . . . . 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com