Electronic Components Datasheet Search
  English  ▼

X  

AN4444 Datasheet(PDF) 55 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 51Page - STMicroelectronics AN4444 Datasheet HTML 52Page - STMicroelectronics AN4444 Datasheet HTML 53Page - STMicroelectronics AN4444 Datasheet HTML 54Page - STMicroelectronics AN4444 Datasheet HTML 55Page - STMicroelectronics AN4444 Datasheet HTML 56Page - STMicroelectronics AN4444 Datasheet HTML 57Page - STMicroelectronics AN4444 Datasheet HTML 58Page - STMicroelectronics AN4444 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
DocID025925 Rev 2
55/68
AN4444
Design guidelines
68
Figure 46. Simulation model of the thermal impedance ZthJA of the ST7590 mounted on the
reference design board
The actual dissipated power PD can be calculated as:
Equation 10
where
Equation 11
and
Equation 12
Note that power consumption by receiving circuitry and linear regulators is considered
negligible for thermal analysis purpose. The relationship between current absorption from
the power supply (ICC) and PA output current to the load (IOUT) is shown in Figure 2 on
page 9.
A transmission output level VOUT rms of 1.5 V, together with the current limit IOUT rms(LIMIT) of
1 A, correspond to a maximum output power POUT of 1.5 W. In these conditions, the
required dissipation results as follows:
Equation 13
Referring to the relationship between dissipated power and temperature, it can be proved
that in a continuous transmission, i.e.: with ZthJA at its steady state value of 50 °C/W, with an
ambient temperature of 25 °C the maximum dissipation can be 2 W. However, controlling
the transmission duty cycle and total duration it becomes possible to get higher dissipation.
OUT
IN
D
P
P
P
CC
CC
IN
I
V
P
rms
OUT
rms
OUT
OUT
I
V
P
W
A
V
A
V
P
P
P
LIMIT
OUT
LIMIT
IN
MAX
D
6
.
4
)
1
5
.
1
(
)
47
.
0
13
(
)
(
)
(
)
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com