Electronic Components Datasheet Search
  English  ▼

X  

AN4444 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 7Page - STMicroelectronics AN4444 Datasheet HTML 8Page - STMicroelectronics AN4444 Datasheet HTML 9Page - STMicroelectronics AN4444 Datasheet HTML 10Page - STMicroelectronics AN4444 Datasheet HTML 11Page - STMicroelectronics AN4444 Datasheet HTML 12Page - STMicroelectronics AN4444 Datasheet HTML 13Page - STMicroelectronics AN4444 Datasheet HTML 14Page - STMicroelectronics AN4444 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
DocID025925 Rev 2
11/68
AN4444
ST7590 power line networking system-on-chip description
68
4
ST7590 power line networking system-on-chip
description
The ST7590 device is the first complete narrowband OFDM power line communication
system-on-chip made using a multipower technology with state of the art VLSI CMOS
lithography. The ST7590 device is based on dual core architecture to assure outstanding
communication performance with a very high level of flexibility and programmability for
either open standard or fully customized implementations.
The ST7590 device operates with a dedicated Cortex™-M3 FW library plus an embedded
FW code to implement the full PRIME protocol stack (PHY, MAC and “Convergence Layer”),
developed mainly for smart metering applications using the CENELEC A band (PRIME
Alliance).
The embedded PHY layer (PRIME PHY), hosted in a DSP engine, is PRIME compliant
(OFDM with 96 subcarriers in the 41.992 kHz to 88.867 kHz range) and implements
different n-PSK modulations: the BPSK, QPSK and 8PSK modulation with a channel quality
estimation, convolutional coding and Viterbi decoding, delivering a throughput from
21.4 kbps up to 128.6 kbps.
For further details, please refer to 1. and 2. in Section 13: References on page 63.
Figure 3. ST7590 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com