Electronic Components Datasheet Search
  English  ▼

X  

AN4444 Datasheet(PDF) 56 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 52Page - STMicroelectronics AN4444 Datasheet HTML 53Page - STMicroelectronics AN4444 Datasheet HTML 54Page - STMicroelectronics AN4444 Datasheet HTML 55Page - STMicroelectronics AN4444 Datasheet HTML 56Page - STMicroelectronics AN4444 Datasheet HTML 57Page - STMicroelectronics AN4444 Datasheet HTML 58Page - STMicroelectronics AN4444 Datasheet HTML 59Page - STMicroelectronics AN4444 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
Design guidelines
AN4444
56/68
DocID025925 Rev 2
An example of communication with realistic values can be used to understand the point.
Let's consider the following conditions:
Modulation: B-PSK uncoded
PHY payload: 256 bytes
Packet transmit time = 55 ms
Duty cycle = 30%
With these parameters, sending 100 messages will take less than 20 seconds. According to
the model of Figure 46, in these conditions the ZthJA will reach 15 °C/W, allowing maximum
dissipation PD(MAX) with an ambient temperature up to 50 °C.
If the ambient temperature is 70 °C, PD(MAX) would be manageable for 6 consecutive
transmissions.
10.3
Oscillator section
The ST7590 internal oscillator circuitry requires a crystal having a maximum load
capacitance of 20 pF and a maximum ESR of 100
. It is recommended to choose a quartz
crystal with overall tolerance not greater than ± 50 ppm (including aging and temperature) to
ensure stability of carrier frequency and digital timing.
It is very important to keep the crystal oscillator and the load capacitors as close as possible
to the device.
The resonant circuit must be far away from noise sources such as:
Power supply circuitry
Burst and surge protections
Mains coupling circuits
Any PCB track or via carrying a RF switching signal
To properly shield and separate the oscillator section from the rest of the board, it is
recommended to use a ground plane, on both sides of the PCB, filling all the area below the
crystal oscillator. No tracks or vias, except for the crystal connections, should cross the
ground plane.
Connecting the case to ground could be a good practice to reduce the effect of radiated
signals on the oscillator.
10.4
Power supply
The power supply requirements for the ST7590 reference design are listed in Table 2 on
page 8.
Anyway, the power supply circuit design is not only relevant in terms of available power. Two
points are particularly sensitive for a power line communication application:
The noise injected on the line
The input impedance of the power supply unit
For the first point, a quasi-resonant switching mode power supply based on the ALTAIR04-
900 device has been chosen. This kind of switching controller spreads the switching
disturbances over a wide frequency range, thus minimizing the overall disturbance
amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com