Electronic Components Datasheet Search
  English  ▼

X  

AN4444 Datasheet(PDF) 62 Page - STMicroelectronics

Part # AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 58Page - STMicroelectronics AN4444 Datasheet HTML 59Page - STMicroelectronics AN4444 Datasheet HTML 60Page - STMicroelectronics AN4444 Datasheet HTML 61Page - STMicroelectronics AN4444 Datasheet HTML 62Page - STMicroelectronics AN4444 Datasheet HTML 63Page - STMicroelectronics AN4444 Datasheet HTML 64Page - STMicroelectronics AN4444 Datasheet HTML 65Page - STMicroelectronics AN4444 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
FAQ and troubleshooting
AN4444
62/68
DocID025925 Rev 2
3.
Problem: the ST7590 reference design board does not transmit.
What to check:
a)
Check the bias voltage on the PA_OUT test point (TP2) with the oscilloscope
probe referred to VSS power ground. A DC voltage of VCC/2 must be measured.
b)
Set the ST7590 in transmission via the PRIME GUI. A modulated signal should be
detected by the oscilloscope probe, with amplitude equal to the TX_OUT
programmed level multiplied by the PA gain (see Section 8.1.1: Line driver on
page 26). In this case, no problem is there about the transmitter section of the
ST7590.
4.
Problem: the ST7590 reference design board transmits only for a short while; the
transmission is interrupted.
What to check:
a)
Verify the external temperature of the ST7590 device.
b)
Check if there is a short-circuit (i.e.: capacitive) impedance on the mains at the
carrier frequency. It could lead to the device overheating and PA thermal
shutdown.
5.
Problem: the ST7590 reference design board does not receive.
What to check:
Check if the transmitted signal reaches the ST7590 device by measuring the RX_IN
line voltage (TP6) with the oscilloscope probe referred to VSSA signal ground.
6.
Problem: During a communication test, the PRIME GUI shows high “Bit Error Rate”
(BER).
Note:
(This point refers to a half-duplex communication involving two ST7590 reference design
boards communicating with each other).
What to check:
a)
Check that both reference design boards have the same PRIME GUI settings.
b)
Verify the SNR of the communication. If the signal is too low or the noise is too
high with respect to each other, the communication performance will be poor. Try
to:
1. Check the SNR estimation of the receiving ST7590 device.
2. Measure the signal level S and the noise level N on the RX_IN line of the
receiving board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com