Electronic Components Datasheet Search
  English  ▼

X  

UM0401 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0401
Description  User manual for eight bit port expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0401 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0401 Datasheet HTML 2Page - STMicroelectronics UM0401 Datasheet HTML 3Page - STMicroelectronics UM0401 Datasheet HTML 4Page - STMicroelectronics UM0401 Datasheet HTML 5Page - STMicroelectronics UM0401 Datasheet HTML 6Page - STMicroelectronics UM0401 Datasheet HTML 7Page - STMicroelectronics UM0401 Datasheet HTML 8Page - STMicroelectronics UM0401 Datasheet HTML 9Page - STMicroelectronics UM0401 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Getting started
UM0401
6/17
1.4.1
Power supply
The demo board should be powered from an external supply of 5 V, 1 A. (Connector X1 is
for +5 V and Connector X2 is GND). This supply is regulated to get the required VCC, VIO
and Vpull-up voltages by adjusting the Resistor divider components.
Figure 3 below shows the Voltage regulation circuit used. For example, a VCC of 1.8 V can
be achieved by fixing the R6_1 resistor to 680 ohms and calculating R7_1 using the formula:
Equation 1
where, the VOUT we need is 1.8 V, VREF is 1.25 V and IADJ is 50 µA.
By default, the resistors are chosen to fix the voltages at VCC = 1.8 V, VIO = 3.3 V and
Vpull-up = 2.3 V in the demo board.
Figure 3.
Voltage regulation from +5 V supply (VIN)
1.4.2
Jumper settings
There are several jumpers on the board that should be properly set to ensure proper
functioning of the board.
●
JP10_1: as shown in Figure 4 below, the JP10_1 jumper should be set to power the
voltage Regulators with +5V from the X1 and X2 connectors. This is the main power
connection for all the components on the board.
Figure 4.
JP10_1 for Power supply
V
OUT
V
REF
1R
71
+
R
61
-------------------
⎝⎠
⎛⎞ I
ADJR71
+
=
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com