Electronic Components Datasheet Search
  English  ▼

X  

UM0401 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0401
Description  User manual for eight bit port expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0401 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0401 Datasheet HTML 3Page - STMicroelectronics UM0401 Datasheet HTML 4Page - STMicroelectronics UM0401 Datasheet HTML 5Page - STMicroelectronics UM0401 Datasheet HTML 6Page - STMicroelectronics UM0401 Datasheet HTML 7Page - STMicroelectronics UM0401 Datasheet HTML 8Page - STMicroelectronics UM0401 Datasheet HTML 9Page - STMicroelectronics UM0401 Datasheet HTML 10Page - STMicroelectronics UM0401 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
UM0401
Getting started
7/17
JP55_2 and JP56_2: as shown in Figure 5 below, these jumper settings are to select
the I2C CLOCK and DATA source, either from the parallel port (DB-25 connector) or
from an external I2C Master.
Figure 5.
JP55_2 and JP56_2 for I2C_CLK and I2C_SDATA selection
These jumpers should be connected if STMPE801 is to be controlled by the GUI through the
DB-25 connector. They can be left open if an external I2C Master is used. For using external
I2C Master, refer to Section 3.
JP2_3: as shown in Figure 6 below, JP2_3 is used to connect the INT pin to the pull-up
resistor and LED for easier monitoring of the generated interrupts. If this is not
connected, an external pull-up resistor should be used to pull up the open drain INT
output to VIO supply. The jumper should connect pins 1 and 2.
Figure 6.
JP2_3 setting for STMPE801 INT pull-up
JP3_3 and JP5_3: JP3_3 is used to connect the I2C_CLK from the I2C Master to the
STMPE801 SCLK pin. And similarly JP5_3 is used to connect I2C_DATA from the I2C
Master to the STMPE801 SDATA pin. Figure 7 shows the jumper connection to be used
on the board.
Figure 7.
JP3_3 and JP5_3 setting for STMPE801 SCLK and SDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com