Electronic Components Datasheet Search
  English  ▼

X  

UM0401 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0401
Description  User manual for eight bit port expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0401 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0401 Datasheet HTML 6Page - STMicroelectronics UM0401 Datasheet HTML 7Page - STMicroelectronics UM0401 Datasheet HTML 8Page - STMicroelectronics UM0401 Datasheet HTML 9Page - STMicroelectronics UM0401 Datasheet HTML 10Page - STMicroelectronics UM0401 Datasheet HTML 11Page - STMicroelectronics UM0401 Datasheet HTML 12Page - STMicroelectronics UM0401 Datasheet HTML 13Page - STMicroelectronics UM0401 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Running the STMPE801 port expander GUI
UM0401
10/17
Figure 11.
Screen shot of write/read tab in STMPE801 GUI
The register contents can be read by writing the 8-bit hex address into the "Address" field
and the number of registers to be read in the "Length" field. Then click on the "Read" button.
The contents displayed are in Hex and 8-bits wide. The same procedure can be followed for
writing into the registers. The content to be written should be in bytes and only 8 bytes can
be written with a single "Write" button click.
Note:
The Length field should always be non-zero. A read or write with length zero causes the GUI
to close.
Figure 12.
Error screen when the incorrect I2C slave address is chosen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com