Electronic Components Datasheet Search
  English  ▼

X  

UM0401 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0401
Description  User manual for eight bit port expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0401 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0401 Datasheet HTML 1Page - STMicroelectronics UM0401 Datasheet HTML 2Page - STMicroelectronics UM0401 Datasheet HTML 3Page - STMicroelectronics UM0401 Datasheet HTML 4Page - STMicroelectronics UM0401 Datasheet HTML 5Page - STMicroelectronics UM0401 Datasheet HTML 6Page - STMicroelectronics UM0401 Datasheet HTML 7Page - STMicroelectronics UM0401 Datasheet HTML 8Page - STMicroelectronics UM0401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2007
Rev 1
1/17
UM0401
User manual
User manual for eight bit port expander
STMPE801 demonstration board
Introduction
This document explains the functioning of the demo board for the port expander Chip
STMPE801 with a PC GUI for reading and writing to the eight GPIOs and controlling the I2C
interface.
The objective of this demonstration board is to display the capabilities of the 8-bit port
expander (STMPE801) developed by STMicroelectronics using a Windows-based software
application. The software application provides a user-friendly environment to test the port
expander and verify its functionality.
The board is controlled by the GUI through the parallel port in the PC. The power to the
board should come from an external 5 V constant DC power supply.
The PC based GUI acts as the I2C host and controls the STMPE801 slave on the board.
The eight GPIOs in the STMPE801 are accessible through headers and can be easily pulled
high or low using jumpers. The GPIOs can be configured as outputs by writing to the
appropriate registers using the GUI. All these interfaces are controlled by using I2C
communication between Host and Slave devices.
In addition, the hardware has a provision for controlling the STMPE801 through an external
I2C master.
www.st.com


Similar Part No. - UM0401

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
UM040 OHMITE-UM040 Datasheet
382Kb / 2P
Special versions possible
logo
STMicroelectronics
UM0402 STMICROELECTRONICS-UM0402 Datasheet
593Kb / 35P
Single-phase multi-tariff energy meter
17-Apr-2007
More results

Similar Description - UM0401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
User Manual
logo
Maxim Integrated Produc...
MAX7324 MAXIM-MAX7324 Datasheet
261Kb / 20P
I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 0; 10/06
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
USER MANUAL
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
User Manual
logo
Maxim Integrated Produc...
MAX7320 MAXIM-MAX7320 Datasheet
214Kb / 14P
I2C Port Expander with Eight Push-Pull Outputs
Rev 0; 10/05
MAX7320 MAXIM-MAX7320_15 Datasheet
845Kb / 14P
I2C Port Expander with Eight Push-Pull Outputs
Rev 1; 4/15
MAX7324 MAXIM-MAX7324_14 Datasheet
979Kb / 18P
I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 1; 5/14
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
User manual
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
logo
Infineon Technologies A...
NAC1080 INFINEON-NAC1080 Datasheet
1Mb / 23P
User manual for NAC1080 development
V1.0 2022-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com