Electronic Components Datasheet Search
  English  ▼

X  

UM0401 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0401
Description  User manual for eight bit port expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0401 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0401 Datasheet HTML 4Page - STMicroelectronics UM0401 Datasheet HTML 5Page - STMicroelectronics UM0401 Datasheet HTML 6Page - STMicroelectronics UM0401 Datasheet HTML 7Page - STMicroelectronics UM0401 Datasheet HTML 8Page - STMicroelectronics UM0401 Datasheet HTML 9Page - STMicroelectronics UM0401 Datasheet HTML 10Page - STMicroelectronics UM0401 Datasheet HTML 11Page - STMicroelectronics UM0401 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Running the STMPE801 port expander GUI
UM0401
8/17
●
JP4_3: JP4_3 is the jumper used to select the I2C slave address as either 0x82 or
0x88. There are pull-down and pull-up resistors for the respective selection and these
can be enabled by shorting the headers as shown in Figure 8.
Figure 8.
JP4_3 setting for STMPE801 I2C Slave address selection
●
JP6_3 and JP7_3: These jumpers are provided to isolate the STMPE801 chip from the
rest of the board for troubleshooting. They can also be used as test points to measure
the respective supply operating current. To supply the chip with the VCC and VIO, these
jumpers should be shorted as shown in Figure 9.
Figure 9.
JP6_3 and JP7_3 setting for STMPE801 VCC and VIO connections
The board is ready to function after these jumper settings and the GPIOs can be accessed
through the different headers provided. Refer to Section 4 for the location of the various
jumpers on the board.
2
Running the STMPE801 port expander GUI
This port expander demo board consists of two main parts:
●
PC GUI
●
Demonstration board
The various jumpers on the board should be configured correctly before running the GUI.
In order to run the GUI, the demo board must first be connected to the PC with the DB-25
parallel port cable and the power supply of +5 V should be provided.
The user should login as administrator before running the GUI (STMPE801_DEMO.exe).
This file should be run from the same directory as the io.dll file.
When the GUI is successfully running, the startup screen resembles Figure 10. There are
four tab options for testing the various device functionalities as explained in the following
sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com