Electronic Components Datasheet Search
  English  ▼

X  

UPD17232 Datasheet(PDF) 32 Page - NEC

Part # UPD17232
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17232 Datasheet(HTML) 32 Page - NEC

Back Button UPD17232 Datasheet HTML 28Page - NEC UPD17232 Datasheet HTML 29Page - NEC UPD17232 Datasheet HTML 30Page - NEC UPD17232 Datasheet HTML 31Page - NEC UPD17232 Datasheet HTML 32Page - NEC UPD17232 Datasheet HTML 33Page - NEC UPD17232 Datasheet HTML 34Page - NEC UPD17232 Datasheet HTML 35Page - NEC UPD17232 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
32
3.8
Switching Bit I/O
The I/O which can be set in the input or output mode in bit units is called a bit I/O. P0B and P0E are bit I/O ports,
which can be set in the input or output mode in bit units by the register file shown below. When the mode is changed
from input to output, the P0B and P0E output latch contents are output to the port lines, as soon as the mode has
been changed.
3
210
P0BBIO3
P0BBIO2
P0BBIO1
P0BBIO0
Address
RF : 26H
On reset
0H
R/W
R/W
P0BBIO0
0
1
Sets P0B0 Input/Output Mode
Sets P0B0 in input mode
Sets P0B0 in output mode
P0BBIO1
0
1
Sets P0B1 Input/Output Mode
Sets P0B1 in input mode
Sets P0B1 in output mode
P0BBIO2
0
1
Sets P0B2 Input/Output Mode
Sets P0B2 in input mode
Sets P0B2 in output mode
P0BBIO3
0
1
Sets P0B3 Input/Output Mode
Sets P0B3 in input mode
Sets P0B3 in output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com