Electronic Components Datasheet Search
  English  ▼

X  

UPD17232 Datasheet(PDF) 39 Page - NEC

Part # UPD17232
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17232 Datasheet(HTML) 39 Page - NEC

Back Button UPD17232 Datasheet HTML 35Page - NEC UPD17232 Datasheet HTML 36Page - NEC UPD17232 Datasheet HTML 37Page - NEC UPD17232 Datasheet HTML 38Page - NEC UPD17232 Datasheet HTML 39Page - NEC UPD17232 Datasheet HTML 40Page - NEC UPD17232 Datasheet HTML 41Page - NEC UPD17232 Datasheet HTML 42Page - NEC UPD17232 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
39
5.2
Function of 8-bit Timer (with modulo function)
Notes 1. When the STOP mode is released, bit 3 must be set.
2. Bit 2 is a write-only bit.
Caution If the system clock is changed while the timer is counting, an error occurs in the timer as follows
(when system clock fX = 4 MHz):
•
High-speed mode 16/fX
→ Normal mode 32/fX ... (Error due to resolution of set timer) +1.5
µs
•
Normal mode 32/fX
→ High-speed mode 16/fX ... (Error due to resolution of set timer) –1.5
µs
32
10
TMEN
TMRES
TMCK1
TMCK0
Address
RF : 33H
TMRES
On reset
8H
R/W
R/W
0
1
8-Bit Timer Reset Flag
Data read out is always "0"
Resets 8-bit counter and IRQTM
TMEN
0
1
8-Bit Timer Count Enable Flag
Stops 8-bit timer count operation
Enable 8-bit timer count operation (falling edge)
TMCK1
TMCK0
00
01
10
11
8-Bit Timer Clock Source Selection
Count clock: fX/32
(measurable time range: 8 s to 2.048 ms,
Resolution: 8 s (error: +8 s))
µ
Count clock: fX/64
(measurable time range: 16 s to 4.096 ms,
Resolution: 16 s (error: +16 s))
µ
Count clock: fX/256
(measurable time range: 64 s to 16.384 ms,
Resolution: 64 s (error: +64 s))
µ
Remote controller carrier generator circuit output
(Carrier output: 1 s to 128 s, Resolution: 1 s)
Value indicated by parentheses is for when
( ): f
(system clock) = fX = 4MHz
SYS
Note 1
Note 2
µ
µ
µ
µ
µ
µµ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com