Electronic Components Datasheet Search
  English  ▼

X  

UPD17232 Datasheet(PDF) 82 Page - NEC

Part # UPD17232
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17232 Datasheet(HTML) 82 Page - NEC

Back Button UPD17232 Datasheet HTML 78Page - NEC UPD17232 Datasheet HTML 79Page - NEC UPD17232 Datasheet HTML 80Page - NEC UPD17232 Datasheet HTML 81Page - NEC UPD17232 Datasheet HTML 82Page - NEC UPD17232 Datasheet HTML 83Page - NEC UPD17232 Datasheet HTML 84Page - NEC UPD17232 Datasheet HTML 85Page - NEC UPD17232 Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
82
15. PACKAGE DRAWINGS
114
28
15
S
S
28-PIN PLASTIC SOP (375 mil)
ITEM
MILLIMETERS
A
B
C
E
F
G
H
I
J
17.9
±0.17
1.27 (T.P.)
2.6
±0.2
2.50
10.3
±0.3
0.78 MAX.
0.12
1.6
±0.2
7.2
±0.2
M
0.1
±0.1
N
P28GM-50-375B-4
P3
°+7°
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
D
0.42+0.08
−0.07
K
0.17+0.08
−0.07
L
0.8
±0.2
0.15
−3°
detail of lead end
M
C
M
N
A
B
H
K
L
P
J
I
G
D
E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com