Electronic Components Datasheet Search
  English  ▼

X  

UPD17232 Datasheet(PDF) 2 Page - NEC

Part # UPD17232
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17232 Datasheet(HTML) 2 Page - NEC

  UPD17232 Datasheet HTML 1Page - NEC UPD17232 Datasheet HTML 2Page - NEC UPD17232 Datasheet HTML 3Page - NEC UPD17232 Datasheet HTML 4Page - NEC UPD17232 Datasheet HTML 5Page - NEC UPD17232 Datasheet HTML 6Page - NEC UPD17232 Datasheet HTML 7Page - NEC UPD17232 Datasheet HTML 8Page - NEC UPD17232 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
2
APPLICATION
Preset remote controllers, toys, portable systems, etc.
ORDERING INFORMATION
Part Number
Package
µPD17230MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17231MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17232MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17233MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17234MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17235GT-×××
28-pin plastic SOP (375 mil)
µPD17235MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
µPD17236GT-×××
28-pin plastic SOP (375 mil)
µPD17236MC-×××-5A4
30-pin plastic shrink SOP (300 mil)
Remark
××× indicates ROM code suffix.
DIFFERENCE BETWEEN
µPD17236 SUBSERIES AND µPD17225 SUBSERIES
Item
µPD17236 Subseries
µPD17225 Subseries
ROM capacity
µPD17230: 2048 × 16 bits
µPD17225: 2048 × 16 bits
µPD17231: 4096 × 16 bits
µPD17226: 4096 × 16 bits
µPD17232: 6144 × 16 bits
µPD17227: 6144 × 16 bits
µPD17233: 8192 × 16 bits
µPD17228: 8192 × 16 bits
µPD17234: 10240 × 16 bits
µPD17235: 12288 × 16 bits
µPD17236: 16384 × 16 bits
Port
P0B0-P0B3: I/O (bit I/O)
P0B0-P0B3: Input
P0C0-P0C3: I/O (group I/O)
P0C0-P0C3: Output
P0D0-P0D3: I/O (group I/O)
P0D0-P0D3: Output
P1A0: Input or output selectable by mask option
Reset
RESET pin is internally pulled down by
Low level is output from WDOUT pin by
• Reset by watchdog timer
occurrence of the internal reset signals on the
occurrence of the internal reset signals on the
• Reset by stack pointer
left, and reset takes place (usually, RESET pin
left, and reset takes place if the WDOUT pin
• Low-voltage detection
is pulled up).
is externally connected to the RESET pin.
circuit (mask option)
STOP mode release
<1> When any of pins P0A0-P0A3 goes low
When any of P0A0-P0A3 or P0B0-P0B3 goes
condition
<2> When P0B0-P0B3, P0C0-P0C3, and
low
P0D0-P0D3 are used as input pins and
any of them goes low
<3> When the interrupt request (IRQ) of an
interrupt for which IP flag is set is
generated at rising or falling edge of INT pin
Carrier frequency
Selected by mask option
7.8 kHz to 1 MHz
(fX = 4 MHz)
<1> If carrier generation clock (RfX) is fX/2:
7.8 kHz to 1 MHz
<2> If carrier generation clock (RfX) is fX:
15.6 kHz to 2 MHz
Pin 14
P1A0 pin
WDOUT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com