Electronic Components Datasheet Search
  English  ▼

X  

UPD17217CT Datasheet(PDF) 48 Page - NEC

Part # UPD17217CT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217CT Datasheet(HTML) 48 Page - NEC

Back Button UPD17217CT Datasheet HTML 44Page - NEC UPD17217CT Datasheet HTML 45Page - NEC UPD17217CT Datasheet HTML 46Page - NEC UPD17217CT Datasheet HTML 47Page - NEC UPD17217CT Datasheet HTML 48Page - NEC UPD17217CT Datasheet HTML 49Page - NEC UPD17217CT Datasheet HTML 50Page - NEC UPD17217CT Datasheet HTML 51Page - NEC UPD17217CT Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
µPD17215, 17216, 17217, 17218
48
The
µPD17215 oscillator circuit is stopped, when the STOP instruction has been executed (i.e., in the STOP mode).
Oscillation is not resumed, until the STOP mode is released. After the STOP mode has been released, the HALT mode
is set. Set the time required to release the HALT mode by using the timer with modulo function.
The time that elapses, after the STOP mode has been released by occurrence of an interrupt, until an operation mode
is set, is shown in the following table.
Time Required to Set Operation Mode
8-Bit Modulo Register Set Value
after STOP Mode Release
(TMM)
At 4 MHz
40H
4.160 ms (64
µs × 65)
FFH
16.384 ms (64
µs × 256)
Remark:
Set the 8-bit modulo timer before executing STOP instruction.
Caution:
Do not execute an instruction that clears the interrupt request flag (IRQxxx) for which the
interrupt enable flag (IPxxx) is set immediately before the STOP 8H instruction; otherwise, the
STOP mode may not be set.
Table 8-4
STOP Mode Releasing Conditions
Operand Value
Releasing Conditions
1000B (08H)
When any of P0A0-P0A3 and P0B0-P0B3 pins goes low
Others
Inhibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com