Electronic Components Datasheet Search
  English  ▼

X  

UPD17217CT Datasheet(PDF) 72 Page - NEC

Part # UPD17217CT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217CT Datasheet(HTML) 72 Page - NEC

Back Button UPD17217CT Datasheet HTML 68Page - NEC UPD17217CT Datasheet HTML 69Page - NEC UPD17217CT Datasheet HTML 70Page - NEC UPD17217CT Datasheet HTML 71Page - NEC UPD17217CT Datasheet HTML 72Page - NEC UPD17217CT Datasheet HTML 73Page - NEC UPD17217CT Datasheet HTML 74Page - NEC UPD17217CT Datasheet HTML 75Page - NEC UPD17217CT Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
µPD17215, 17216, 17217, 17218
72
-40
-30
-20
-10
0
01
234
5
VDD-VOH (V)
(TA = 25°C)
IOH (REM) vs VDD-VOH
-40
-30
-20
-10
0
01
234
5
VDD-VOH (V)
(TA = 25°C)
IOH (P0E) vs VDD-VOH
40
30
20
10
0
01
234
5
Low-level output voltage VOL (V)
(TA = 25°C)
IOL (REM/P0C/P0D) vs VOL
40
30
20
10
0
01
234
5
(TA = 25°C)
IOL (P0E) vs VOL
VDD = 5.0 V
VDD = 3.0 V
VDD = 2.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 2.0 V
VDD = 2.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 2.0 V
Low-level output voltage VOL (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com