Electronic Components Datasheet Search
  English  ▼

X  

UPD17217CT Datasheet(PDF) 22 Page - NEC

Part # UPD17217CT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217CT Datasheet(HTML) 22 Page - NEC

Back Button UPD17217CT Datasheet HTML 18Page - NEC UPD17217CT Datasheet HTML 19Page - NEC UPD17217CT Datasheet HTML 20Page - NEC UPD17217CT Datasheet HTML 21Page - NEC UPD17217CT Datasheet HTML 22Page - NEC UPD17217CT Datasheet HTML 23Page - NEC UPD17217CT Datasheet HTML 24Page - NEC UPD17217CT Datasheet HTML 25Page - NEC UPD17217CT Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
µPD17215, 17216, 17217, 17218
22
2.5.2
Control registers
The control registers consists of a total of 64 nibbles (64 x 4 bits) of the addresses 00H-3FH of the register file.
Of these, however, only 14 nibbles are actually used. The remaining 50 nibbles are unused registers that are inhibited
from being read or written.
When the “PEEK WR, rf” instruction is executed, the contents of the register file addressed by “rf” are read to the window
register.
When the “POKE rf, WR” instruction is executed, the contents of the window register are written to the register file
addressed by “rf”.
When using the assembler (AS17K), the macro instructions listed below, which are embedded as flag type symbol
manipulation instructions, can be used. The macro instructions allow the contents of the register file to be manipulated in
bit units.
For the configuration of the control register, refer to Fig. 11-1 Register File List.
SETn
: Sets flag to “1”
CLRn
: Sets flag to “0”
SKTn
: Skips if all flags are “1”
SKFn
: Skips if all flags are “0”
NOTn
: Complements flag
INITFLG : Initializes flag
2.5.3
Notes on using register files
When using the register files, bear in mind the points described below. For details, refer to
µPD172xx subseries User’s
Manual (IEU-1317).
(1)
When manipulating control registers (read-only and unused registers)
When manipulating the write-only (W), the read-only (R) and unused control registers by using the assembler
or in-circuit emulator, keep in mind the following points:
• When device operates
Nothing changes even if data is written to the read-only register.
If the unused register is read, an undefined value is read; nothing is changed even if data is written to this
register.
• Using assembler
An error occurs if instruction is excecuted to read data to the write-only register.
An error occurs if an instruction is executed to write data to the read-only register.
An error also occurs if an instruction is executed to read or write the unused address.
• When an in-circuit emulator (IE-17K or IE-17K-ET) is used (when instruction is executed for patch
processing)
An undefined value is read if the write-only register is read, and an error does not occur.
Nothing changes even if data is written to the read-only register, and an error does not occur.
An undefined value is read if the unused address is read; nothing changes even if data is written to this
address. An error does not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com