Electronic Components Datasheet Search
  English  ▼

X  

UPD17217CT Datasheet(PDF) 73 Page - NEC

Part # UPD17217CT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17217CT Datasheet(HTML) 73 Page - NEC

Back Button UPD17217CT Datasheet HTML 69Page - NEC UPD17217CT Datasheet HTML 70Page - NEC UPD17217CT Datasheet HTML 71Page - NEC UPD17217CT Datasheet HTML 72Page - NEC UPD17217CT Datasheet HTML 73Page - NEC UPD17217CT Datasheet HTML 74Page - NEC UPD17217CT Datasheet HTML 75Page - NEC UPD17217CT Datasheet HTML 76Page - NEC UPD17217CT Datasheet HTML 77Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
µPD17215, 17216, 17217, 17218
73
15. APPLICATION CIRCUIT EXAMPLE
128
227
326
425
524
623
722
821
920
10
19
11
18
12
17
13
16
14
15
P0D 2
P0D 3
INT
P0E 0
P0E 1
P0E 2
P0E 3
REM
P0D 1
P0D 0
P0C 3
P0C 2
P0C 1
P0C 0
P0B 3
P0B 2
P0B 1
P0B 0
P0A 3
P0A 2
P0A 1
P0A 0
V DD
X OUT
X IN
GND
RESET
WDOUT
3 V
4 MHz
Remark:
The RESET pin can be connected to a pull-up resistor by the mask option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com