Electronic Components Datasheet Search
  English  ▼

X  

AN235 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN235
Description  Stepper motor driving
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN235 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN235 Datasheet HTML 7Page - STMicroelectronics AN235 Datasheet HTML 8Page - STMicroelectronics AN235 Datasheet HTML 9Page - STMicroelectronics AN235 Datasheet HTML 10Page - STMicroelectronics AN235 Datasheet HTML 11Page - STMicroelectronics AN235 Datasheet HTML 12Page - STMicroelectronics AN235 Datasheet HTML 13Page - STMicroelectronics AN235 Datasheet HTML 14Page - STMicroelectronics AN235 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AN235
Motor drive topologies
Doc ID 1679 Rev 2
11/23
Figure 8.
Peak winding current decreases at higher speed, limited by motor
inductance
The only way to have the current rise more quickly is to have a higher drive voltage or a
lower inductance. One method used to get better performance is to increase the drive
voltage and use an external resistance to limit the current to the original value as shown in
Figure 9. The exponential time constant is L/R so increasing the resistance reduces the rise
time. Since the asymptotic current is set by the resistance, the time constant and current
can be set by selecting the drive voltage and the external resistance. This topology, referred
to as L/nR drive, was commonly used in early printers. Its significant disadvantage is the
very significant dissipation in the external resistance. For the 1 A motor the dissipation in the
external resistance is around 20 W.
Figure 9.
L/nR drive
What is really needed is a low dissipation drive circuit that would give the fast rise times of a
higher drive voltage and limit the current to the desired value without the high dissipation
associated with the external resistance in the L/nR drive configuration. Such a drive can be
implemented using switch mode techniques as show in Figure 10. Here the peak current is
AM16506v1
Rc
Lc
Vs
Ic = Vs/(Rc+Rs)
Rs
t = L/(Rc+Rs)
AM16507v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com