Electronic Components Datasheet Search
  English  ▼

X  

AN235 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN235
Description  Stepper motor driving
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN235 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN235 Datasheet HTML 11Page - STMicroelectronics AN235 Datasheet HTML 12Page - STMicroelectronics AN235 Datasheet HTML 13Page - STMicroelectronics AN235 Datasheet HTML 14Page - STMicroelectronics AN235 Datasheet HTML 15Page - STMicroelectronics AN235 Datasheet HTML 16Page - STMicroelectronics AN235 Datasheet HTML 17Page - STMicroelectronics AN235 Datasheet HTML 18Page - STMicroelectronics AN235 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
AN235
Slow versus fast decay
Doc ID 1679 Rev 2
15/23
5
Slow versus fast decay
When implementing current controlled motor drives, the designer has a choice of the
recirculation path the current flows in during the "off" time. Figure 12 shows the two
recirculation options implemented in the L6208, or the L6203. Applying the chopping to only
one side of the bridge allows the current to recirculate around a low voltage loop, in the
upper transistors within the bridge. Since the rate of change of the current is controlled
primarily by the L/R time constant of the motor, the current decays relatively slowly, hence
the designation of slow decay mode. Applying the chopping signal to both sides of the
bridge results in a higher voltage across the coil since the current is recirculating back
through the power supply. The higher voltage across coil forces a faster decay of current,
hence a fast decay mode.
Figure 13.
PWM current decay modes
The selection of the decay mode influences the operation of a drive in several ways. The
most obvious is the magnitude of the ripple current. Drives implemented using the fast
decay mode have, for the same off-time or chopping frequency, a higher ripple current than
drives implemented using a slow decay mode, as shown in Figure 13. This difference in
itself is not significant for most stepper motor drives. Issues with the stability of the current
control loop are discussed elsewhere [1.]. Generally for full-step and half-step drives the
slow decay mode is preferred since it reduces the current ripple and, for many driver ICs, the
dissipation in the device.
V
S
V
S
V
S
ON time
Current builds
In winding
OFF time
Slow decay
Recirculation
OFF time
Fast decay
Recirculation
AM16511v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com