Electronic Components Datasheet Search
  English  ▼

X  

AN235 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN235
Description  Stepper motor driving
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN235 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN235 Datasheet HTML 14Page - STMicroelectronics AN235 Datasheet HTML 15Page - STMicroelectronics AN235 Datasheet HTML 16Page - STMicroelectronics AN235 Datasheet HTML 17Page - STMicroelectronics AN235 Datasheet HTML 18Page - STMicroelectronics AN235 Datasheet HTML 19Page - STMicroelectronics AN235 Datasheet HTML 20Page - STMicroelectronics AN235 Datasheet HTML 21Page - STMicroelectronics AN235 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Control signals
AN235
18/23
Doc ID 1679 Rev 2
6
Control signals
In most applications the stepper motor driver IC is controlled by a microcontroller that
generates the commutation sequence for the motor. Figure 15 shows the typical control
signals from the microcontroller for operating in full-step and half-step modes. In the
simplest form, a full-step drive needs two square waves in quadrature to drive the motor.
The rotational direction is determined by which of the two phases is leading the other and
the rotational speed is directly proportional to the clock frequency. More often, since the
switch mode current control signals are ANDed with the phase control, four signals to the
drive IC are actually required, one for each half-bridge.
In the half-step state one of the motor phases is off with zero current. When moving from the
full-step state to the half-step state the current must fully discharged to reach zero current.
Although simply taking the input that was high to a low-state would eventually cause the
current to decay to zero, it leaves the bridge in a slow decay mode with the current
circulating around the two low transistors in the bridge. For high step rated, the current may
not decay to zero during the step, as shown in Figure 16 b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com