Electronic Components Datasheet Search
  English  ▼

X  

AN235 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN235
Description  Stepper motor driving
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN235 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN235 Datasheet HTML 15Page - STMicroelectronics AN235 Datasheet HTML 16Page - STMicroelectronics AN235 Datasheet HTML 17Page - STMicroelectronics AN235 Datasheet HTML 18Page - STMicroelectronics AN235 Datasheet HTML 19Page - STMicroelectronics AN235 Datasheet HTML 20Page - STMicroelectronics AN235 Datasheet HTML 21Page - STMicroelectronics AN235 Datasheet HTML 22Page - STMicroelectronics AN235 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Control signals
AN235
20/23
Doc ID 1679 Rev 2
the driver IC, as shown in Figure 17. Here a dedicated current control IC, the L6506,
combines the commutation signals with the current control signals and then passed the 6
lines to the driver IC. Some driver ICs, like the L6219 or the L6207, have the current control
built into the driver IC.
Figure 17.
Bipolar stepper motor drive implemented with the L6506 and the L6203
Alternatively, logic circuitry or a dedicated IC like the L297 can generate the control signals
from a step clock and direction signal. Figure 17 shows a drive circuit using the L297 and
the L6203. In this circuit the microcontroller needs to supply only the STEP and the
CW/CCW signals. Since most applications do not switch between full-step and half-step, the
HALF/FULL signal can usually be hard wired to the desired operation condition.
Figure 18.
Bipolar stepper motor driver implemented with the L297 and the L6203
As discussed earlier the torque ripple in half-step can be decreased by increasing the
current in the winding during the half-step states. The circuit in Figure 19 detects when one
off the inhibit lines is low and increased the voltage at the REF input of the L297 to increase
the current during the half-step.
AM16518v1
AM16515v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com