Electronic Components Datasheet Search
  English  ▼

X  

AN235 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN235
Description  Stepper motor driving
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN235 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN235 Datasheet HTML 8Page - STMicroelectronics AN235 Datasheet HTML 9Page - STMicroelectronics AN235 Datasheet HTML 10Page - STMicroelectronics AN235 Datasheet HTML 11Page - STMicroelectronics AN235 Datasheet HTML 12Page - STMicroelectronics AN235 Datasheet HTML 13Page - STMicroelectronics AN235 Datasheet HTML 14Page - STMicroelectronics AN235 Datasheet HTML 15Page - STMicroelectronics AN235 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Motor drive topologies
AN235
12/23
Doc ID 1679 Rev 2
set by the voltage reference and the value of the sense resistor so that each time the current
reaches the set peak value the switch is turned off for the remainder of the period. Since the
only losses in this technique are the saturation loss of the switch and the resistive loss in the
sense resistor and coil resistance, the total efficiency is very high.
The average current drawn from the power supply is less than the winding current due to the
chopping. When the transistor is on, current is being drawn from the supply, however, during
the off-time the current is recirculating locally and there is no current from the power supply.
This type of phase current control, that has to be done separately for each motor phase,
leads to the best ratio between the supplied electrical and delivered mechanical energy.
Figure 10.
Switch mode drive implementations
It would make no sense to apply the same principle to a current controlled unipolar circuit,
as additional switches for each phase would be necessary for the shortening out of the
windings during the off-time and thus the number of components would be similar to the
bipolar drive. Moreover, there would be the previously discussed torque disadvantage.
Rc
Lc
Vs
Vref
OSC
S
R
Q
Rsense
Ic = Vref/Rsense
Fixed frequency PWM
Current control
L297
L6506
Rc
Lc
Vs
Vref
T
_
Q
Rsense
Ic = Vref/Rsense
Constant off time FM
Current control
Monostable
L6207, L6208
L6219, PBL3717
AM16508v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com