Electronic Components Datasheet Search
  English  ▼

X  

AN1246 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1246
Description  power supply using VIPer20A-E
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1246 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1246 Datasheet HTML 1Page - STMicroelectronics AN1246 Datasheet HTML 2Page - STMicroelectronics AN1246 Datasheet HTML 3Page - STMicroelectronics AN1246 Datasheet HTML 4Page - STMicroelectronics AN1246 Datasheet HTML 5Page - STMicroelectronics AN1246 Datasheet HTML 6Page - STMicroelectronics AN1246 Datasheet HTML 7Page - STMicroelectronics AN1246 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Connecting the demo board
AN1246
6/8
3
Connecting the demo board
This demo board has two connectors. Connect a DC voltage source capable of delivering up
to 400 volts DC to connector J1. Be sure to connect the positive source to the + terminal of
J1 and the negative to the terminal before turning on the input power. The minimum voltage
to operate this demo board is 110 VDC. Connect an electronic load or resistive load to J2.
4
Layout considerations
Some simple rules to improve performance and minimize noise should be followed:
1.
Minimize power loops. The switched power current paths inner loop area must be as
small as possible. This can be accomplished by careful layout of the printed circuit
board and the use of surface mount components. This avoids radiated and conducted
EMI noise, and improves the efficiency by eliminating parasitic inductance, thus
reducing or eliminating the need for snubbers and EMI filtering.
2.
Use separate tracks for low level signal and power traces carrying fast switching pulses.
This can be seen on the VIPer20ADIP-E pin 3 on the printed circuit lay out. When
signal paths share the same trace as a power path, instabilities may result. The
compensation components, CS6, RS3, and CS4 are on a separate trace connected
directly to the source of the device.
5
Burst mode
When the output current is too low, the burst mode operation takes over automatically. This
results in missing cycles as shown on the following scope waveform (Figure 4). Vin is 375
VDC IOUT is at no load.
As can be seen, there is one pulse out of ten pulses to reduce power consumption. The
output ripple is negligible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com