Electronic Components Datasheet Search
  English  ▼

X  

AN1246 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1246
Description  power supply using VIPer20A-E
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1246 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1246 Datasheet HTML 1Page - STMicroelectronics AN1246 Datasheet HTML 2Page - STMicroelectronics AN1246 Datasheet HTML 3Page - STMicroelectronics AN1246 Datasheet HTML 4Page - STMicroelectronics AN1246 Datasheet HTML 5Page - STMicroelectronics AN1246 Datasheet HTML 6Page - STMicroelectronics AN1246 Datasheet HTML 7Page - STMicroelectronics AN1246 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2007
Rev 4
1/8
AN1246
Application note
VIPower: auxiliary BIAS
power supply using VIPer20A-E
Introduction
This application note describes a bias power supply to meet the needs of powering up
Power MOSFETs as well as providing standby power when the main unit is off.
The VIPer20ADIP-E, a part of STMicroelectronics proprietary VIPower (Vertical Intelligent
Power), is a current mode PWM with a 700 V avalanche rugged Power MOSFET. It uses a
fabrication process which allows the integration of analog control circuits with a vertical
power device on the same chip. It can provide an output of 10 W power capability for wide
range input, or 20 W for single input voltage range.
www.st.com


Similar Part No. - AN1246

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1241 FREESCALE-AN1241 Datasheet
1Mb / 21P
Interfacing the MC68HC705J1A to 9356/9366 EEPROMs
AN1241D FREESCALE-AN1241D Datasheet
1Mb / 21P
Interfacing the MC68HC705J1A to 9356/9366 EEPROMs
More results

Similar Description - AN1246

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
2.4W Power Supply using LNK520P
DER-41 POWERINT-DER-41 Datasheet
1Mb / 22P
3.7W Power Supply Using TNY263P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
2.25W Power Supply using LNK520P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
24.5W Power Supply using DPA424G
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
16W Power Supply using TOP243P
DER-52 POWERINT-DER-52 Datasheet
644Kb / 26P
3.9W Power Supply using TNY263P
DER-57 POWERINT-DER-57 Datasheet
1Mb / 26P
3W Power Supply using LNK501P
DER-107 POWERINT-DER-107 Datasheet
1,010Kb / 26P
10W Compact Power Supply using TOP245R
DER-109 POWERINT-DER-109 Datasheet
408Kb / 14P
0.7W Power Supply using LNK353P
logo
MPS Industries, Inc.
NE-4 MPSIND-NE-4 Datasheet
65Kb / 1P
E-BEAM GUN SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com