Electronic Components Datasheet Search
  English  ▼

X  

AN1246 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1246
Description  power supply using VIPer20A-E
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1246 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1246 Datasheet HTML 1Page - STMicroelectronics AN1246 Datasheet HTML 2Page - STMicroelectronics AN1246 Datasheet HTML 3Page - STMicroelectronics AN1246 Datasheet HTML 4Page - STMicroelectronics AN1246 Datasheet HTML 5Page - STMicroelectronics AN1246 Datasheet HTML 6Page - STMicroelectronics AN1246 Datasheet HTML 7Page - STMicroelectronics AN1246 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
General circuit description
AN1246
4/8
Figure 2.
PC board top legend bottom foil and surface mount components
Table 1.
Electrical specification from measured results
Parameter
Results
Input voltage range J1
110 to 375 VDC
Output J2
12 V from 0 to 0.5 A
Load regulation (0 to 0.5 A) from setpoint
+/-25 mV or +/-0.2%
Line regulation (at max load)
+/-1 mV
Efficiency
84% at 120 VDC and 79% at 375 VDC
Output ripple voltage
35 mV MAX
Input power at no load
0.65 W MAX
Transient response, 50% load step
+/-60 mV typical
Table 2.
Component list
Quantity
Reference
Description
Value
1
C2
F4.7 µF 400 V
1
C3
120 µF 16 V (low ESR)
1
CS4
3.9 nF 50 V
1
CS5
33 nF 50 V
1
CS6
47 µF 25 V
1
C7
680 µF 16 V (low ESR)
1
C8
330 µF 16 V (low ESR)
1
C9
Y1 Rated safety cap
2.2 nF
1
C10
220 pF 1 KV
1
CS11
47 µF 50 V
1
C12
220 pF 1 KV
1
D1
BYT11-600(1)
600 V 1 A Ultrafast



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com