Electronic Components Datasheet Search
  English  ▼

X  

AN1246 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1246
Description  power supply using VIPer20A-E
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1246 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1246 Datasheet HTML 1Page - STMicroelectronics AN1246 Datasheet HTML 2Page - STMicroelectronics AN1246 Datasheet HTML 3Page - STMicroelectronics AN1246 Datasheet HTML 4Page - STMicroelectronics AN1246 Datasheet HTML 5Page - STMicroelectronics AN1246 Datasheet HTML 6Page - STMicroelectronics AN1246 Datasheet HTML 7Page - STMicroelectronics AN1246 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN1246
General circuit description
5/8
Figure 3.
Cross section of the transformer
1
DS2
STPS1H100A(1)
100 V 1 A Schottky
1
DS3
LL4148
1
F1
fuse
0.5 A pico
1
IC1
VIPer20ADIP-E(1)
1
IC2
TL431(1)
1
IC3
H11A817A (optocoupler)
1
J1
Connector terminal
1
J2
Connector terminal
1
L2
Coilcraft PCH-27-103
10 µH
1
RS2
4.99 K
Ω 1% 1/8 W
1
RS3
5.1 K
Ω 1/8 W
1
RS4
1.6
Ω 1/8 W
1
RS5
1.37
Ω 1% 1/8 W
1
R6
150
Ω 1/4 W
1
R7
5.23 K
Ω 1% 1/4 W
1
R8
1.2 K
Ω 1/4 W
1
R9
3.9
Ω 1/4 W
1
R11
2.7 K
Ω 1/4 W
1
RS14
82 K
Ω 1/4 W
1
T1
Cramer Coil CSM 1608-027
1.
Parts available from STMicroelectronics. “S” in legend denotes a surface mount part.
Table 3.
Transformer specification
Parameter
Value
Primary inductance
1.65 mH
Core
C40 EE16
Table 2.
Component list (continued)
Quantity
Reference
Description
Value



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com