Electronic Components Datasheet Search
  English  ▼

X  

AN1246 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1246
Description  power supply using VIPer20A-E
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1246 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1246 Datasheet HTML 1Page - STMicroelectronics AN1246 Datasheet HTML 2Page - STMicroelectronics AN1246 Datasheet HTML 3Page - STMicroelectronics AN1246 Datasheet HTML 4Page - STMicroelectronics AN1246 Datasheet HTML 5Page - STMicroelectronics AN1246 Datasheet HTML 6Page - STMicroelectronics AN1246 Datasheet HTML 7Page - STMicroelectronics AN1246 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN1246
Key features of the VIPer20ADIP-E
3/8
1
Key features of the VIPer20ADIP-E
■ Adjustable switching frequency up to 200 kHz
■ Current mode control
■ Burst mode operation in standby mode, meets “Blue Angel” standards
■ Undervoltage lock-out with hysteresis
■ Integrated start-up supply
■ Avalanche rugged
■ Overtemperature protection
■ Primary or secondary regulation general circuit description
2
General circuit description
This demo board (see schematic in Figure 1) is a 110 to 375 VDC input discontinuous
flyback, working at 100 kHz. The output can deliver 12 V at 0.5 A continuous. This circuit
can be powered from the main bulk capacitors of an off-line power supply, power factor
correction output stage, or the AC line with the addition of a low current bridge rectifier. It
benefits from the EMI filter present in a typical power supply. The output uses a Schottky
diode for better efficiency. C7 is a low ESR capacitor which manages the ripple current. IC2
provides the reference and the feedback to tightly regulate the output. CS5, CS6, and RS3
form the feedback loop compensation to optimize stability during transients. The demoboard
can be tested with convection air. Depending on the final application, air flow might be
needed to keep the VIPer20ADIP-E under the thermal shutdown limit.
Figure 1.
Schematic
C12
220pF
1KV
CS6
.47u
RS5
1.37k
R6
150
R7
5.23k
RS10
nu
F1
0.5 A Pico Fuse
16T
C3
120uF
16V
c9
2.2n
Y cap
128T
C7
680uF
16V
J1
CON
1
2
CS4
3.9nF
DS2
STPS1H100A
RS4
1.6
D4
NU
14T
R11
2.7k
J2
CON
1
2
R9
3.9
RS14
82K
CS11
47n
R8
1.2k
CS5
33n
C10
220pF
1KV
IC2
TL431
R
DS3
LL4148
RS2
4.99K
C2
4.7uF
400V
L2
10uH
C8
330uF
16V
IC1
VIPer20ADIP-E
2
3
8
7
1
6
4
5
vdd
source
drain
drain
osc
drain
comp
drain
D1
BYT11-600
RS3
5.1k
Cramer Coil CSM 1608-027
T1
3
2
4
1
6
7
IC3
H11A817A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com