Electronic Components Datasheet Search
  English  ▼

X  

AN1513 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1513
Description  In a growing consumer market
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1513 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1513 Datasheet HTML 2Page - STMicroelectronics AN1513 Datasheet HTML 3Page - STMicroelectronics AN1513 Datasheet HTML 4Page - STMicroelectronics AN1513 Datasheet HTML 5Page - STMicroelectronics AN1513 Datasheet HTML 6Page - STMicroelectronics AN1513 Datasheet HTML 7Page - STMicroelectronics AN1513 Datasheet HTML 8Page - STMicroelectronics AN1513 Datasheet HTML 9Page - STMicroelectronics AN1513 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Standby
AN1513
6/13
2
Standby
The first test performed is the measure of the power consumption during standby operation
mode as the main target of this application is consumption lower than 1 W. For better
accuracy, because the power level is very low, the power supply has been tested with a dc
voltage source.
Figure 1.
Electrical schematic
Table 2.
Standby measurements at 65 mA on output 1
Vin
Iin
Vout1 at 65 mA
Vout2 at 0 mA
Pout
Pin
Efficiency
Switching
frequency
Vdc
mA
Vdc
Vdc
W
W
%
KHz
276
3.33
6.51
16.6
0.42
0.92
46
BURST
325
3.02
6.51
17.5
0.42
0.98
43
BURST
374
2.67
6.51
18.2
0.42
1.0
42
BURST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com