Electronic Components Datasheet Search
  English  ▼

X  

AN1513 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1513
Description  In a growing consumer market
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1513 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1513 Datasheet HTML 3Page - STMicroelectronics AN1513 Datasheet HTML 4Page - STMicroelectronics AN1513 Datasheet HTML 5Page - STMicroelectronics AN1513 Datasheet HTML 6Page - STMicroelectronics AN1513 Datasheet HTML 7Page - STMicroelectronics AN1513 Datasheet HTML 8Page - STMicroelectronics AN1513 Datasheet HTML 9Page - STMicroelectronics AN1513 Datasheet HTML 10Page - STMicroelectronics AN1513 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN1513
Standby
7/13
The VIPer50A-E is designed to work in burst mode automatically when the power delivered
to the load becomes very low. The burst frequency and its duty-cycle depend on the
transformer parameters and the power delivered. The burst mode takes place when the
power transferred during the minimum on time is greater than the power required by the
load. This should increase the output voltage, but instead the control loop reacts by missing
some cycles. It is important to point out that during this working mode, the output voltage is
always perfectly under control. The result is a working mode where the effective duty-cycle
is much lower than the minimum under normal operation.
To further decrease the consumption during standby operation an additional test has been
done. Of course the burst mode has efficiency proportional to its working duty-cycle and to
work or not in burst mode is also dependent on the primary inductance of the transformer.
Sometimes it is difficult to optimize the primary inductance of the transformer and obtain an
efficient burst. The result can be just a few cycles missed and most of the pulses are
present at switching frequency. It can be an advantage to work at a lower fixed frequency,
giving up the burst operation mode. The network Q1, R8÷R10 decreases the frequency
sinking current from R1 (timing resistor) when pin Comp (5) is lower than 1.6 V. In this way
the charging current of C13 (timing capacitor) decreases and according to the law
Equation 1
the frequency starts to reduce until the minimum frequency is at standby load. In steady
state condition at full load the switching frequency has been set to around 70 KHz, while in
standby it is around 30 KHz.
Table 3.
Standby measurements at 65 mA on output 1
Vin
Iin
Vout1 at 65 mA
Vout2 at 0 mA
Pout
Pin
Efficiency
Switching
frequency
Vdc
mA
Vdc
Vdc
W
W
%
KHz
276
2.98
6.51
19.5
0.42
0.82
53
30
325
2.69
6.51
19.6
0.42
0.87
48
29
374
2.48
6.51
19.8
0.42
0.93
45
28
T
CV
I
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com