Electronic Components Datasheet Search
  English  ▼

X  

AN1513 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1513
Description  In a growing consumer market
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1513 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1513 Datasheet HTML 5Page - STMicroelectronics AN1513 Datasheet HTML 6Page - STMicroelectronics AN1513 Datasheet HTML 7Page - STMicroelectronics AN1513 Datasheet HTML 8Page - STMicroelectronics AN1513 Datasheet HTML 9Page - STMicroelectronics AN1513 Datasheet HTML 10Page - STMicroelectronics AN1513 Datasheet HTML 11Page - STMicroelectronics AN1513 Datasheet HTML 12Page - STMicroelectronics AN1513 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Short circuit protection
AN1513
10/13
5
Short circuit protection
The SMPS is protected against short circuit on both outputs. The short circuit test has been
done with an active load for the complete input voltage range. As shown in Figure 7 and
Figure 8, taken at worst case at 374 Vdc, during short circuit on output1 or output 2, the
SMPS works in “hiccup” mode keeping the mean output current at a safe value for the
rectifiers, respectively at 3.3 A for output 1 and 2.2 A for output 2. Also the drain voltage
remains at a safe level during short circuit. To achieve these results a Zener diode has been
connected between pin Comp and Source of the VIPer. This Zener clamps the voltage on
pin Comp, limiting the maximum primary peak current. During short circuit the auxiliary
voltage is low because it is proportional to the output voltage. VDD drops under the low
threshold (8 V) blocking the VIPer and beginning the start up cycle. When C12 is charged at
11 V, the VIPer turns on again. It works as long as C12 is discharged to 8 V because the
auxiliary voltage, thanks to the reduced duty-cycle, is not capable of supplying the VIPer.
6
Overvoltage protection
Thanks to the VDD regulation capability, this SMPS is protected against secondary feedback
failure. If the secondary feedback loses control, the voltages increase. As the auxiliary
voltage is proportional to the outputs, VDD increases up to 13 V, which is the typical
regulation value for VIPer50A-E, so the VIPer takes control avoiding any damage to the
output capacitors and rectifiers. Table 5 gives the measurements in standby and at full load
with R6 removed from the board to simulate secondary feedback failure.
Figure 7.
Short circuit (Vout1)
Figure 8.
Short circuit (Vout2)
Table 5.
Overvoltage measurements
Operation mode
Vout1
Vout2
Standby
9.5V
22.5 V
Full load
7.2V
11.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com