Electronic Components Datasheet Search
  English  ▼

X  

AN1513 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1513
Description  In a growing consumer market
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1513 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1513 Datasheet HTML 1Page - STMicroelectronics AN1513 Datasheet HTML 2Page - STMicroelectronics AN1513 Datasheet HTML 3Page - STMicroelectronics AN1513 Datasheet HTML 4Page - STMicroelectronics AN1513 Datasheet HTML 5Page - STMicroelectronics AN1513 Datasheet HTML 6Page - STMicroelectronics AN1513 Datasheet HTML 7Page - STMicroelectronics AN1513 Datasheet HTML 8Page - STMicroelectronics AN1513 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2007
Rev 2
1/13
AN1513
Application note
VIPower: 30 W SMPS using VIPer50A-E
Introduction
In a growing consumer market, cost effective solutions with good performances and
reliability able to meet energy saving international or local standards (Blue Angel) are
needed.
STMicroelectronics has, among its wide products portfolio, the VIPer product family offering
excellent solutions with all features to design SMPS suitable for consumer applications.
Thanks to the VIPower Technology, these devices combine on the same silicon chip a state-
of-the-art PWM control circuit along with an optimized high voltage avalanche rugged
Vertical Power MOSFET.
The benefits obtained using these devices are:
■ Fewer components compared to a discrete solution
■ Less space on PCB
■ Simpler design phase
■ Automatic burst mode operation in standby for energy savings
■ Cost effective solution for SMPS
This document describes the results obtained from an off-line SMPS designed with
VIPer50A-E. It has been designed for European mains, providing 30 W on two outputs.
The main target of this application is total power consumption less than 1 W (Blue Angel
Norm) in standby mode delivering an output power of 400 mW.
www.st.com


Similar Part No. - AN1513

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1511 ARISTA-AN1511 Datasheet
1Mb / 50P
7100 Series 1 RU (Gen 3) Data Center Switches
logo
STMicroelectronics
AN1514 STMICROELECTRONICS-AN1514 Datasheet
265Kb / 17P
buck-boost converter using VIPer12A-E/22A-E
26-Sep-2007
AN1517 STMICROELECTRONICS-AN1517 Datasheet
1Mb / 30P
Designing with the STEVAL-ISA089V1 high efficiency DC-DC
13-Nov-2013
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
The L5973D is a step-down monolithic power switching regulator capable
31-Jan-2008
More results

Similar Description - AN1513

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3275SB PANASONIC-AN3275SB Datasheet
124Kb / 15P
CM detection IC for VCRs in the North American market
logo
EPCOS
ASB1200V1 EPCOS-ASB1200V1 Datasheet
502Kb / 2P
Pressure Sensors for Barometric Measurements in Consumer Applications
logo
Omron Electronics LLC
G3VM-21PR11 OMRON-G3VM-21PR11 Datasheet
711Kb / 3P
Smallest Class in market, USOP High-power, 0.9A Switching in a 20V Load Voltage Model
logo
Rochester Electronics
TN87C196KC-20 ROCHESTER-TN87C196KC-20 Datasheet
1Mb / 26P
POWERFUL MICROCONTROLLER for use in the automotive market
logo
Texas Instruments
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
IEEE 1394-a Consumer Electronics Link Layer Controller
logo
STMicroelectronics
AN1596 STMICROELECTRONICS-AN1596 Datasheet
317Kb / 24P
Today?셲 automotive market requires a continuous increasing
Nov-2002
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
OSRAM GmbH
LTRBR8SF OSRAM-LTRBR8SF Datasheet
1Mb / 21P
pachinko market
logo
OmniVision Technologies...
OV9285 OMNIVISION-OV9285 Datasheet
923Kb / 2P
Consumer HMD
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com