Electronic Components Datasheet Search
  English  ▼

X  

AN1513 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1513
Description  In a growing consumer market
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1513 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1513 Datasheet HTML 4Page - STMicroelectronics AN1513 Datasheet HTML 5Page - STMicroelectronics AN1513 Datasheet HTML 6Page - STMicroelectronics AN1513 Datasheet HTML 7Page - STMicroelectronics AN1513 Datasheet HTML 8Page - STMicroelectronics AN1513 Datasheet HTML 9Page - STMicroelectronics AN1513 Datasheet HTML 10Page - STMicroelectronics AN1513 Datasheet HTML 11Page - STMicroelectronics AN1513 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Full load test
AN1513
8/13
3
Full load test
The parameters checked at full load have been the efficiency and main working parameters
of the VIPer for system reliability. The minimum voltage has been set at 240Vdc considering
the minimum voltage ripple on the bulk capacitor when the power supply is connected to the
ac mains.
The drain voltage spike reaches its maximum value at full load and maximum input voltage.
This spike is caused at turn-off by the energy stored in the primary leakage inductance of
the transformer during the Ton. This is the reason why it is recommended to design the
power transformer with a primary leakage inductance as low as possible. In addition a good
coupling between primary and secondaries improves total regulation, especially in SMPS
with more than one output.
Figure 2.
Adjustment for frequency reduction
The maximum peak voltage measured on the drain is 642 V, thanks to the clamp
1.5KE220A. This value guarantees a reliable operation of VIPer with a good margin with
respect to the maximum BVDSS, which is 700 V. The VIPer is an avalanche rugged device
able to withstand a momentary energy peak caused by voltage greater than 700 V.
R2
18R
R1
15K
C14
22nF
C13
2.2nF
C9
22nF
R8
68K
R9
15K
R10
18K
Q1
BC546
D7
BZX79-4V3
OSC
1
SOURCE
COMP
VDD
DRAIN
IC1
VIPer50A-E
Figure 3.
Drain current at full load
Figure 4.
Voltage current at full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com