Electronic Components Datasheet Search
  English  ▼

X  

AN1686 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1686
Description  AN L5991-BASED CONVERTER WITH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1686 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1686 Datasheet HTML 1Page - STMicroelectronics AN1686 Datasheet HTML 2Page - STMicroelectronics AN1686 Datasheet HTML 3Page - STMicroelectronics AN1686 Datasheet HTML 4Page - STMicroelectronics AN1686 Datasheet HTML 5Page - STMicroelectronics AN1686 Datasheet HTML 6Page - STMicroelectronics AN1686 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AN1686 APPLICATION NOTE
6/7
Figure 3. Electrical schematic of the modified 45W AC-DC adapter inclusive of the circuit of figure 2
Figure 4. Timings of the circuit in figure 2: a) overload (Iout = 4 A); b) short circuit
88 to 264
Vac
BD1
DF04M
C1
150 µF
400 V
R1
56 k
Ω
10
R11
10
Ω
13
R14
1 k
Ω
15
12
R15
0.47
Ω
1/2 W
8
14
6
R6
330 k
Ω
43
2
R9 6.8 k
Ω
C5
3.3 nF
R13
8.2 k
Ω
7
Q1
STP7NB60
C9
330 µF
25 V
GND
IC1
L5991
C12
4.7 nF
Y2
D2
STTA106
R7 4.7
Ω
R5 47 k
Ω
C2
47 µF
25 V
R10
22
Ω
5
9
DCC
R8 5.6 k
Ω
VREF
C4
100 nF
C6
56 nF
RCT
SS
DC-LIM
SGND
R3
1.6 M
Ω
Ω
Ω
Ω
C8
100 pF
11
PGND
ISEN
OUT
VC
VCC
DIS
COMP
VFB
T1
18V/2.5A
(4.2 A pk)
16
ST-BY
7
6
1
2
4
3
R19
1.2 k
Ω
R17
4.3 k
Ω
R21
348
Ω
C7
220 pF
C3 100 nF
C14
470 nF
R12
24 k
Ω
R16 100
Ω
R18
2.2 k
Ω
R20
5.6 k
Ω
D4 1N4148
D5
BYW29-200
R2
56 k
Ω
R4
1.6 M
Ω
Ω
Ω
Ω
C10
330 µF
25 V
C11
330 µF
25 V
IC2
PC917
N1
N2
N3
F1 T2A250V
D3
1N4148
NTC1
R24
R22
C17
C13
C15
100 nF
D1
BZW06-154
4
D7
1N4148
7
8
2
3
1
6
5
IC3A
LM393
IC3B
LM393
Q1 BC327
R23
10 k
Ω
R24
24 k
Ω
R25
4.3 k
Ω
R26
100 k
Ω
R27
22 k
Ω
C1
10 µF
Q2
BC337
D6
4V7
R28
3.3 k
Ω
R15a
1
Ω
1/4 W
VCOMP
TIMING
(pin 5 LM393)
DISABLE
(pin 7 LM393)
VOUT
VCOMP
TIMING
(pin 5 LM393)
DISABLE
(pin 7 LM393)
VOUT
a)
b)
overload
detection
threshold
overload
short circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com