Electronic Components Datasheet Search
  English  ▼

X  

AN1686 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1686
Description  AN L5991-BASED CONVERTER WITH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1686 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1686 Datasheet HTML 1Page - STMicroelectronics AN1686 Datasheet HTML 2Page - STMicroelectronics AN1686 Datasheet HTML 3Page - STMicroelectronics AN1686 Datasheet HTML 4Page - STMicroelectronics AN1686 Datasheet HTML 5Page - STMicroelectronics AN1686 Datasheet HTML 6Page - STMicroelectronics AN1686 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
AN1686 APPLICATION NOTE
the converter is in regulation (Pout ≤ Poutpk). This is to avoid any interference with the Standby function: with a
light load and the L5991 running at the lower frequency, V(COMP) might be greater then the value of V2 defined
by (1), thus triggering the delayed shutdown function erroneously.
Assuming Q2 is ON, when V(COMP) > V2 the output of IC3A (which is open-collector) goes high and C18 is
charged through R26. The time needed for C18 to be charged at V2 is:
When this voltage is reached, the output of IC3B goes high and the voltage at pin DIS of the L5991 is pulled
above 2.5V, thus causing a latched shutdown of the PWM controller and of the converter too. The converter will
stay idle as long as it is supplied by the input power source. To be able to restart the system, the power source
must be removed. The diode D7 is used because the pin DIS is already biased (by a resistor divider to set up
OVP protection) so as to decouple the two circuits.
Note that if the condition V(COMP) > V2 disappears (i.e. Pout falls below Poutx) before Td1 has elapsed, the
output of IC3A goes back low thus discharging C18 and stopping this slow shutdown countdown.
In case of short circuit COMP will saturate high and tend to go over 6 V. In that case not only the output of IC3B
will go high but also Q1 will be turned on (V(COMP) will be clamped at about 5.6V), thus C18 will be charged
through R25 and R26. This circuit is analogous to that shown in [3]. The delay will be approximately:
,
since R25 is selected << R26, so that Td2 << Td1.
Note, if V(COMP) goes back to the regulation region (i.e. Pout falls below Poutpk) before Td2 has elapsed, the
charge of C18 through R25 will be stopped; the slow charge through R26 can be stopped too or still go on, de-
pending on whether V(COMP) has fallen below V2 (Pout < Poutx) or not.
One more comment: COMP is saturated high and Q1 turned on (initiating the fast shutdown countdown) every
time the converter is started up, during the ramp-up of the output voltage from zero to the regulated value. Ob-
viously, Td2 needs to be greater than this time (usually, 5÷20 ms) or the converter will never start.
With the part values shown in fig. 2, the results are the following:
Refer to the appendix of [4] for formulae useful for relating the voltage level on pin COMP to the power level in
a flyback converter, to be able to design the circuit under different conditions.
Figure 3 shows how the circuit of figure 2 is inserted into the modified 45W demo board (the changes are high-
lighted by the shaded regions) and the oscilloscope pictures of figure 4 illustrate the experimental results in case
of both overload and short circuit.
If converter's latched shutdown is not desired, but the user wants the system to automatically recover normal
operation when the overload/short is removed, yet maintaining a low power throughput during the fault, it is very
easy to modify the circuit of figure 2 to achieve this: R27 will be reduced at 2.2 k
Ω and the diode D7 connected
to the ISEN pin of the L5991, so as to invoke its "Hiccup" OCP [2]. The resulting schematic is illustrated in figure
5, its insertion into the 45W AC-DC adapter is obvious.
Td
1
R26 C18
VR EF
VR EF
V2
–
-------------------------------


ln
⋅⋅
=
Td
2
R25 C18
VREF
VREF
V2
–
-------------------------------


ln
⋅
⋅
≈
V2
5
24
10
24
+
-------------------
⋅
3.53 V
==
Td
1
100 10
3
10 10
6
–
5
53.53
–
---------------------


ln
⋅⋅
⋅
⋅
13.4
()
ln
⋅
1.22s
==
=
Td
2
4.3 10
3
10 10
6
–
5
53.53
–
---------------------


ln
⋅⋅
⋅
⋅
4.3 10
2
–
3.4
()
ln
⋅⋅
52m s
==
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com