Electronic Components Datasheet Search
  English  ▼

X  

AN1686 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1686
Description  AN L5991-BASED CONVERTER WITH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1686 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1686 Datasheet HTML 1Page - STMicroelectronics AN1686 Datasheet HTML 2Page - STMicroelectronics AN1686 Datasheet HTML 3Page - STMicroelectronics AN1686 Datasheet HTML 4Page - STMicroelectronics AN1686 Datasheet HTML 5Page - STMicroelectronics AN1686 Datasheet HTML 6Page - STMicroelectronics AN1686 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AN1686 APPLICATION NOTE
2/7
in case of anomalous power demand from the load (exceeding the peak power, e.g. due to a short circuit), con-
verter's shutdown must occur within 10
÷100 ms.
A power peak lasting 0.5 s is too long to be handled with just a reinforced output capacitor bank: as a matter of
fact, after few ms the converter's control loop has already reacted to maintain the output voltage regulated. Thus
a power demand lasting 0.5 s can be considered as a steady-state operating condition from the electrical point
of view. On the other hand the thermal time constants of the power components are such that the heat gener-
ated during a power peak of even a couple of seconds will not cause an excessive temperature rise: their ther-
mal
impedance is to be invoked rather than their thermal resistance.
From these considerations, it turns out that the converter can be thermally designed just considering the maxi-
mum continuous output power Poutx (and the related RMS currents) that it has to deliver and not the peak power
demand Poutpk. There are, however some points that one should consider for the electrical design:
1) the overcurrent limiting circuit must allow Poutpk to pass, hence its setpoint needs to be greater than the cor-
responding peak primary current Ippklim and, possibly, much greater than the peak primary current related
to Poutx;
2) the transformer and/or inductor must not saturate with this higher peak current;
3) there is a tradeoff between the input bulk capacitor size (which determines the minimum input DC voltage)
and the value of Ippklim: a low capacitance leads to a high input voltage ripple, then to a lower minimum input
DC voltage and to a higher Ippklim. Also the maximum duty cycle of the converter must account for the re-
sulting minimum DC input voltage.
4) As envisaged by the spec in table 1, designing the converter for a given power but allowing a much higher
level calls for a means to make the system work safely during abnormal operating conditions.
Except for the special requirement discussed so far, the specification is identical to that of the converter consid-
ered in [1], which will be then used as the starting point for the present design. In this context, only the modifi-
cations needed for fully complying with the spec of table 1 will be discussed. For reader's convenience figure 1
reproduces the electrical schematic of the original converter.
Additional circuitry will be needed for discriminating a peak power demand from a normal load condition and
detecting a short circuit as well as realizing the required double time-out.
Figure 1. 45W, wide-range mains AC-DC adapter: electrical schematic (original design)
88 to 264
Vac
BD1
DF04M
C1
100 µF
400 V
R1
56 k
Ω
10
R11
10
Ω
13
R14
1 k
Ω
15
12
R15
0.47
Ω
1/2 W
8
14
6
R6
330 k
Ω
43
2
R9 6.8 k
Ω
C5
3.3 nF
R13
8.2 k
Ω
7
Q1
STP7NB60
C9
330 µF
25 V
GND
IC1
L5991
C12
4.7 nF
1kV
D2
STTA106
R7 4.7
Ω
R5 47 k
Ω
C2
47 µF
25 V
R10
22
Ω
5
9
DCC
R8 5.6 k
Ω
VREF
C4
100 nF
C6
56 nF
RCT
SS
DC-LIM
SGND
R3
2.2 M
Ω
C8
100 pF
11
PGND
ISEN
OUT
VC
VCC
DIS
COMP
VFB
T1
Vout
16
ST-BY
7
6
1
2
4
3
R19
1.2 k
Ω
R17
4.3 k
Ω
R21
348
Ω
C7
220 pF
C3 100 nF
C14
470 nF
R12
24 k
Ω
R16 100
Ω
R18
2.2 k
Ω
R20
5.6 k
Ω
D4 1N4148
D5
BYW29-200
R2
56 k
Ω
R4
2.2 M
Ω
C10
330 µF
25 V
C11
330 µF
25 V
IC2
PC917
N1
N2
N3
F1 T2A250V
D3
1N4148
NTC1
R22
C17
C13
C15
100 nF
J1
J2
D1
BZW06-154



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com