Electronic Components Datasheet Search
  English  ▼

X  

AN1686 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1686
Description  AN L5991-BASED CONVERTER WITH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1686 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1686 Datasheet HTML 1Page - STMicroelectronics AN1686 Datasheet HTML 2Page - STMicroelectronics AN1686 Datasheet HTML 3Page - STMicroelectronics AN1686 Datasheet HTML 4Page - STMicroelectronics AN1686 Datasheet HTML 5Page - STMicroelectronics AN1686 Datasheet HTML 6Page - STMicroelectronics AN1686 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
AN1686 APPLICATION NOTE
Adaptations and modifications of the original design
With reference to the schematic of figure 1, here follows a step-by-step discussion on the modifications needed
for fulfilling the spec of table 1.
Input Capacitor. Looking at the evaluation results presented in [1], it is reasonable to assume that with 75 W
load the input power will be around 90 W. Estimating about 5 W power loss before the transformer, the power
managed by the transformer will be 85 W. With the worst-case spread (-20 %) of C1, that is with C1=80 µF, the
valley voltage across C1 is expected to be around 54 V. Under these conditions the maximum peak primary
current will be around 3.24A, exceeding the saturation current of the transformer (2.84A).
Moreover, the maximum duty cycle (@ Vin = 54V) will be around 59%: since the system is working in CCM,
slope compensation will be needed to avoid unconditional instability of the current loop and the resulting sub-
harmonic oscillations.
To avoid remaking the transformer and adding the slope compensation circuit, an attempt can be done using a
larger C1. Assuming there is no change in power levels, with 150 µF capacitance (120 µF, worst case), the val-
ley voltage across C1 will be 78 V, the maximum peak primary current 2.88 A and the maximum duty cycle 50%.
Although necessary, this step is not enough to guarantee that the transformer will not saturate and then the sys-
tem is still very close to the instability limit. The transformer needs then to be modified anyway (see the following
points).
Sense resistor. The sense resistor R15 needs reducing, to allow a peak primary current of 2.88 A. The maximum
value should be 0.92 V / 2.88 A = 0.319
Ω. This will be achieved by paralleling a 1Ω resistor (1%, metallic film)
to the existing 0.47
Ω. The worst-case peak current, will be 1.08 V / 0.319Ω = 3.39 A.
Transformer. The changes to the transformer aim at meeting two specific requirements: 1) not to saturate with
3.39A primary current; 2) to reduce the maximum duty cycle below 50%, to avoid the use of a slope compen-
sation circuit. Design constraint is the core size, which must be unchanged. The increase of total losses should
be as low as possible.
Starting from point 2), to maintain the same maximum duty cycle as in the original design, the turn ratio should
be reduced proportionally to the reduction of the valley voltage across C1. Formerly, with 45 W load, the worst-
case valley voltage was 83 V and now is 78 V, then the new turn ratio is (50/12)·(78/83) = 3.916.
Table 2. Modified transformer specification
To make sure that the core will not saturate with 3.39A, keeping the same inductance value, the number of turns
of the primary winding should be raised from 50 to 66 and the air gap from 0.7 to 1.5 mm. To reduce the copper,
it is acceptable to reduce the primary inductance by 10%: in this way the primary winding turn number will be
60 and the air gap 1.4 mm.
The secondary turn number will be 60/3.916=15.321, rounded off to 16. Keeping the same wire diameters, the
primary resistance will be increased by a factor 60/50, that is 20%, and the secondary resistance by 33% and
so will be the respective conduction losses (the RMS currents change very little). However, the flux swing is
Core
Philips EFD30x15x9, 3C85 Material or equivalent
Bobbin
Horizontal mounting, 12 pins
Air gap
≈1.4 mm for an inductance 2-6 of 360 µH
Leakage inductance
< 10 µH
Windings
Spec & Build
Winding
Wire
S-F
Turns
Notes
Pri1
AWG27
2-4
30
Sec (a)
AWG25
11-7
16
Bifilar with Sec (b)
Sec (b)
AWG25
12-8
16
Bifilar with Sec (a)
Pri2
AWG27
4-6
30
Aux
AWG32
3-1
14
Evenly spaced
Note: sec (a) and sec (b) are paralleled on the PCB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com