Electronic Components Datasheet Search
  English  ▼

X  

AN1686 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1686
Description  AN L5991-BASED CONVERTER WITH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1686 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1686 Datasheet HTML 1Page - STMicroelectronics AN1686 Datasheet HTML 2Page - STMicroelectronics AN1686 Datasheet HTML 3Page - STMicroelectronics AN1686 Datasheet HTML 4Page - STMicroelectronics AN1686 Datasheet HTML 5Page - STMicroelectronics AN1686 Datasheet HTML 6Page - STMicroelectronics AN1686 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
AN1686
APPLICATION NOTE
March 2003
Introduction
Purpose of this note is to provide a few brief design guidelines on the switch-mode power supply whose elec-
trical specification is summarized in the following table.
Table 1. Design Electrical Specification
The special requirement for this converter is the ability to cope with a peak power demand from the load that
exceeds the maximum continuous power by over 66% for a limited time (
≤ 0.5 s), still maintaining output voltage
regulation, and to automatically shut down in case this overload lasts more than a specified time. Furthermore,
Symbol
Parameter
Value
Unit
Vin
Input Voltage Range
88 to 264
VACrms
fL
Mains Frequency
50/60
Hz
Poutx
Maximum Continuous Output Power
45
W
Poutpk
Peak Output Power (t
≤ 0.5 s) (*)
75
W
Vout
Regulated Output Voltage (@ Pout =0 ÷ Poutpk, Vin = 88÷264 VAC)
18V
± 2%
V
∆Vout
Output Voltage Ripple (@Pout = Poutx, Vin =88÷264 VAC)2
%
Fosc
Normal Operation Switching Frequency
70
kHz
FSB
Light Load Switching Frequency
18
kHz
η
Target Efficiency (@Pout = Poutx, Vin =88÷264 VAC)
80
%
Maximum Input Power (@Pout = 0.5 W, Vin =88÷264 VAC)
≤ 2W
Maximum Input Power (Open load, Vin =88
÷264 VAC)
≤ 1W
Notes:
(*) If Pout is such that Poutx < Pout ≤ Poutpk the converter shall be shutdown (latch mode) within 1÷2 s; a load exceeding
Poutpk shall cause converter’s shutdown (latch mode) within 10÷100 ms.
by C. Adragna
AN L5991-BASED CONVERTER WITH
TEMPORARY EXTRA POWER CAPABILITY
In some applications the SMPS, normally supposed to deliver a certain amount of power, from time to
time undergoes load peaks that can be even two or more times as much. Such peaks are often too long
to be properly handled by oversizing the output capacitors, but short if compared to the thermal time
constants of the power components. Typical examples of such loads are motors and audio systems.
In this case, designing the SMPS for the peak power demand from the load would lead to a poorly used
and more expensive system. It is more cost-effective to design for the maximum continuous power and
allow the peak power to pass. However, if for any reason the load demands such peak power level for
a long time, some of the power components, not sized for withstanding this, will definitely fail unless the
system is stopped somehow.
In this application note a design example of such a system, based on the ST's advanced PWM control-
ler L5991, is carried out.


Similar Part No. - AN1686

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN1680 MOTOROLA-AN1680 Datasheet
149Kb / 8P
Design Considerations for Clamping Networks for Very High Voltage Monolithic Off-line PWM Controllers
AN1687 MOTOROLA-AN1687 Datasheet
162Kb / 12P
A FULL-FEATURED WIRELESS INTERFACE FOR RS-232 COMMUNICATIONS
More results

Similar Description - AN1686

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1775 FREESCALE-AN1775 Datasheet
789Kb / 12P
Expanding Digital Input with an A/D Converter
logo
List of Unclassifed Man...
OM7659ST ETC2-OM7659ST Datasheet
28Kb / 2P
VOLTAGE CONVERTER IN AN ISOLATED
logo
STMicroelectronics
STEVAL-ISA007V1 STMICROELECTRONICS-STEVAL-ISA007V1 Datasheet
129Kb / 5P
High power 3-phase auxiliary power supply evaluation board Based on L5991 and ESBT STC08DE150HV
27-Jun-2007
STEVAL-ISA032V1 STMICROELECTRONICS-STEVAL-ISA032V1 Datasheet
160Kb / 5P
60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
30-Jun-2008
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
09-Jun-2008
AN2623 STMICROELECTRONICS-AN2623 Datasheet
1Mb / 25P
Evaluation board for off-line forward converter based on L5991
29-Oct-2007
AN2389 STMICROELECTRONICS-AN2389 Datasheet
148Kb / 16P
An MCU-based low cost non-inverting buck-boost converter for battery chargers
21-Aug-2007
logo
EDA Technology Co.,LTD
ED-GWL2010 EDATEC-ED-GWL2010 Datasheet
1Mb / 15P
AN INDOOR LIGHT GATEWAY BASED ON RASPBERRY PI 4B
2023-03-23
ED-GWL2110 EDATEC-ED-GWL2110 Datasheet
973Kb / 19P
AN OUTDOOR GATEWAY BASED ON RASPBERRY PI CM4
2023-03-23
RP2040 EDATEC-RP2040 Datasheet
16Mb / 31P
An RP2040-based microcontroller board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com