Electronic Components Datasheet Search
  English  ▼

X  

AN1673 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1673 Datasheet HTML 3Page - STMicroelectronics AN1673 Datasheet HTML 4Page - STMicroelectronics AN1673 Datasheet HTML 5Page - STMicroelectronics AN1673 Datasheet HTML 6Page - STMicroelectronics AN1673 Datasheet HTML 7Page - STMicroelectronics AN1673 Datasheet HTML 8Page - STMicroelectronics AN1673 Datasheet HTML 9Page - STMicroelectronics AN1673 Datasheet HTML 10Page - STMicroelectronics AN1673 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
AN1673 APPLICATION NOTE
ENABLE FUNCTIONS.
The L6598 is provided with two different enable inputs, EN1 (pin8) and EN2 (pin 9), suitable for a flexible
control of the application.
The Enable 1 (active high) threshold is typically 0.6V. When activated, it forces the device in a latched shut
down state in which the oscillator is stopped and both HVG and LVG are cut off, like in the under voltage
condition. In this state the device sinks from the supply a low quiescent current (250
µA max.). There are
two ways to restart the device: one is reducing the supply voltage below the turn off threshold (then turning
it on again). The second is activating Enable 2 input (fig.6). Latched O.V.P function can be achieved using
this function.
Figure 6. Enable 1 timing diagrams
The En2, active high, has a typical threshold of 1.2V. It restarts the start up sequence and, if the En1 has
been previously activated, it resumes from the latched condition (fig.7).
Figure 7. Enable 2 timing diagrams
EN1
EN2
LVG
HVG
D98IN890
VS
TSS
fstart
fmin
EN2
VCss
fOUT
TSS
D03IN1443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com