Electronic Components Datasheet Search
  English  ▼

X  

AN1673 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1673 Datasheet HTML 8Page - STMicroelectronics AN1673 Datasheet HTML 9Page - STMicroelectronics AN1673 Datasheet HTML 10Page - STMicroelectronics AN1673 Datasheet HTML 11Page - STMicroelectronics AN1673 Datasheet HTML 12Page - STMicroelectronics AN1673 Datasheet HTML 13Page - STMicroelectronics AN1673 Datasheet HTML 14Page - STMicroelectronics AN1673 Datasheet HTML 15Page - STMicroelectronics AN1673 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AN1673 APPLICATION NOTE
12/24
Figure 14. Simplified real converter
Consistent with the above consideration, we can see the circuit as a multiple resonant path.
E.g. in the family of curves depicted in fig.15, it can be observed the trend of the admittance as a function
of the frequency, for different resistive load.
Figure 15. Multiple Resonance
We have two separate peak of resonance:
The first peak (F01, lower in frequency) is inherent to the magnetizing inductance (in series with the L.Ext.
if one is connected) it is the case with the load open. The second resonance (F02) depends on the series
inductance L_SERIES (case in which the load is much heavy or during the rectifier's conduction phase).
Both the resonance play a role in the energy transferred to the load and its control.
We can start to discuss assuming the value of the magnetizing inductance (L-MAGNETIZING) is so high that
its current is negligible for the frequency range of our interest.
In this hypothesis, it is evident that the maximum current will occurs at the peak of F02 resonance; it should
not be reasonable to operate at frequency lower than F02 in order do not loosing the zero-voltage switch-
ing and also because the energy transferred to the load should not longer be increased reducing the fre-
quency.
In the practice, for the real transformer, the magnetizing inductance can't be negligible (its value will not
be so high). Anyway it should be possible to control its value making so it possible to operate at switching
frequency lower than the F02 (See fig16).
SECONDARY SIDE
PRIMARY SIDE
TRANSFORMER
CRES
L-SER
HS
LS
HV BUS
FULL BRIDGE
RECTIFICATION
N2
N1
CO
LOAD
VOUT
D03IN1433
1-104
1-105
1-106
Z
1
log
D03IN1446
F01
F02
operating locus
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com