Electronic Components Datasheet Search
  English  ▼

X  

AN1673 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1673 Datasheet HTML 1Page - STMicroelectronics AN1673 Datasheet HTML 2Page - STMicroelectronics AN1673 Datasheet HTML 3Page - STMicroelectronics AN1673 Datasheet HTML 4Page - STMicroelectronics AN1673 Datasheet HTML 5Page - STMicroelectronics AN1673 Datasheet HTML 6Page - STMicroelectronics AN1673 Datasheet HTML 7Page - STMicroelectronics AN1673 Datasheet HTML 8Page - STMicroelectronics AN1673 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/24
AN1673 APPLICATION NOTE
Figure 3. Oscillator Block
Figure 4. Frequency Diagrams
BOOTSTRAP SECTION.
The supply of the high voltage section is obtained by means of a bootstrap circuitry. This solution normally
requires a high voltage fast recovery diode for charging the bootstrap capacitor (fig. 5a). In the device a
patented integrated structure, replaces this external diode. It is realised by means of a high voltage DMOS,
driven synchronously with the low side driver (LVG), with in series a diode, as shown in fig. 5b.
+
TSS
CSS
Cf
ISS
Ifstart
Ifmin
IOSC
S
R
Vth+
Vth-
+
+
X4
X8
D03IN1444
0
0
200
400
Cf(pF)
200
400
fmin
(KHz)
Rf=90K
Ω - calc.
Rf=90K
Ω - meas.
Rf=19.9K
Ω - calc.
Rf=19.9K
Ω - meas.
D03IN1442
20
40
60
80
100 Rfmin(KΩ)
20
40
60
80
100
fmin
(KHz)
D98IN891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com