Electronic Components Datasheet Search
  English  ▼

X  

AN1673 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1673 Datasheet HTML 1Page - STMicroelectronics AN1673 Datasheet HTML 2Page - STMicroelectronics AN1673 Datasheet HTML 3Page - STMicroelectronics AN1673 Datasheet HTML 4Page - STMicroelectronics AN1673 Datasheet HTML 5Page - STMicroelectronics AN1673 Datasheet HTML 6Page - STMicroelectronics AN1673 Datasheet HTML 7Page - STMicroelectronics AN1673 Datasheet HTML 8Page - STMicroelectronics AN1673 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
AN1673 APPLICATION NOTE
DEVICE OPERATION.
The device will start its function as the supply voltage reaches the UVLO threshold.
Before the supply threshold is O.K., both the external half bridge's Powermos are cut off thank to the low
impedance of the drivers. As the supply is valid, the circuit starts to run; the low side driver is active during
the first half period so that the boost capacitor will be fully charged.
The oscillator is based on a current controlled oscillator. Choosing the appropriate biasing at Rfmin and
Rfstart we can define the minimum and maximum frequency operation limits. The device is provided with
soft start function (ss); connecting a delay capacitor at CSS, it can be controlled ss time. At start up the
frequency is set to the maximum value (Fmax) and will gradually decrease to the operative one during the
startup time.
The oscillator controls the power stage circuit by the Low and High side gate drivers, connected to the
external Power MOS . The control of the frequency can be done acting on the Rfmin in closed loop con-
trolled condition.
The significant current capability of both, the high and low side drivers (typically 450mA source and 250mA
sink), allows many different power MOS size to be driven maintaining fast switching transition. The internal
logic ensures a dead time between the gate turn off of the high/low side and the low/high side gate turn
on. This important feature allows to easily operating in zero voltage-switching mode, minimizing the tran-
sistor switching losses and the electromagnetic interference (see below in the soft switching section). The
built-in dead time is typical 300ns; the transition will be completed within this time.
The integrated Bootstrap function, allows avoiding the need of the external fast diode for charge the boot-
strap capacitor (required to supply the floating driver).
The internal operational amplifier can be useful in closed loop control or protection function.
SOFT START AND OSCILLATOR.
The soft start function consists in a period of time, TSS, in which the switching frequency shifts from fstart
to fmin. This feature is detailed explained below (ref. to fig.2).
Figure 2. Soft start timing and Oscillator to drivers phase.
During the soft start time the current ISS charges the capacitor CSS, generating a voltage ramp which is
delivered to a trans conductive amplifier, as shown in fig. 2. Thus this voltage signal is converted in a grow-
ing current, which is subtracted to Ifstart. Therefore the current, which drives the oscillator to set the fre-
quency during the soft start, is equal to:
[1]
VS
TSS
fstart
fmin
VCss
fOUT
D03IN1441
LVG
HVG
Cf
I
osc
Iƒ
min
Iƒ
start
gm V
CCS t
()
⋅
–
()
+
Iƒ
min
Iƒ
start
gm I
SS
⋅
C
SS
---------------------- t
–



+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com