Electronic Components Datasheet Search
  English  ▼

X  

AN1673 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1673 Datasheet HTML 1Page - STMicroelectronics AN1673 Datasheet HTML 2Page - STMicroelectronics AN1673 Datasheet HTML 3Page - STMicroelectronics AN1673 Datasheet HTML 4Page - STMicroelectronics AN1673 Datasheet HTML 5Page - STMicroelectronics AN1673 Datasheet HTML 6Page - STMicroelectronics AN1673 Datasheet HTML 7Page - STMicroelectronics AN1673 Datasheet HTML 8Page - STMicroelectronics AN1673 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AN1673 APPLICATION NOTE
4/24
Where:
[2]
At the start-up (t=0) the L6598 oscillates (see also fig3 and relation [7]) at fstart:
[3]
set by:
[3b]
At the end of soft start (t = TSS) the second term of eq.1 decreases to zero and the switching frequency is
set only by Imin (i.e. Rƒmin):
[4]
Since the second term of eq.1 is equal to zero, we have:
[5]
Note: there is not a fixed threshold of the voltage on CSS in which the soft start finishes (i.e. the end of the
frequency shifting), and TSS depends on CSS, Iƒstart, gm, and ISS (eq. 5). Making TSS independent of
Iƒstart, the ISS current has been designed to be a fraction of Iƒstart, so:
[6]
In this way the soft_start time depends only on the capacitor CSS. The typical value of the kSS constant
(Soft Start Timing Constant) is 0.15 s/
µF.
The current Iosc is fed to the oscillator as shown in fig. 3. It is twice mirrored (x4 and x8) generating the
triangular wave on the oscillator capacitor Cf. Referring to the internal structure of the oscillator (fig.3):
[7]
Where: IOSC = 4 · IRƒmin ; ∆VC is the peak to valley oscillator value (≈2.84V).
A good relationship to compute an approximate value of the oscillator frequency in normal operation is:
[7b]
The degree of approximation depends on the frequency value, but it remains much good in the range from
30kHz to 100kHz (fig.4).
Iƒ
min
VREF
Rƒ
min
----------------- ;
Iƒ
start
VREF
Rƒ
start
------------------- ;
VREF = 2V
==
ƒ
start
1
t
---
I
OSC
2Cƒ
V
C
∆
⋅
⋅
-------------------------------
==
Iosc0
Iƒ
min
Iƒ
start
+
Vref
1
Rƒ
min
----------------
1
Rƒ
start
-------------------
+


==
I
OS C TSS
()
Iƒ
min
VREF
Rƒ
min
-----------------
==
Iƒ
start
g
m
I
SS
⋅
C
SS
-------------------- T
SS
⋅
–
0T
SS
⇒
C
SS
Iƒ
start
⋅
g
m
I
SS
⋅
--------------------------------
==
I
SS
Iƒ
start
K
----------------
T
SS
⇒
C
SS
Iƒ
start
⋅
g
m
I
SS
⋅
--------------------------------
T
SS
⇒
C
SS
g
m
K
⋅
----------------
T
SS
⇒
k
SS
C
SS
⋅
==
=
=
ƒ
min
1
t
---
2
I
OSC
Cƒ
V
C
∆
⋅
------------------------
==
ƒ
min
1.41
Rƒ
min
Cƒ
t
⋅
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com