Electronic Components Datasheet Search
  English  ▼

X  

AN1723 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1723
Description  Designing with the L5973AD high efficiency DC-DC converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1723 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1723 Datasheet HTML 3Page - STMicroelectronics AN1723 Datasheet HTML 4Page - STMicroelectronics AN1723 Datasheet HTML 5Page - STMicroelectronics AN1723 Datasheet HTML 6Page - STMicroelectronics AN1723 Datasheet HTML 7Page - STMicroelectronics AN1723 Datasheet HTML 8Page - STMicroelectronics AN1723 Datasheet HTML 9Page - STMicroelectronics AN1723 Datasheet HTML 10Page - STMicroelectronics AN1723 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN1723
Application information
Doc ID 9553 Rev 4
7/24
The following points are analyzed:
●
Component selection
●
Closing the loop
●
Board layout
–
Thermal considerations
–
Short-circuit protection
●
Application ideas.
Figure 8.
Junction temperature vs. output
current at VIN = 5 V
Figure 9.
Junction temperature vs. output
current at VIN = 12 V
20
30
40
50
60
70
80
90
100
0.2
0.4
0.6
0.8
11.2
1.4
1.6
1.8
2
Io(A)
Tj(°C)
Vo=2.5
Vo=3.3V
Vo=1.8V
Vin=5V
Tamb=25°C
20
30
40
50
60
70
80
90
100
0.2
0.4
0.6
0.8
11.2
1.4
1.6
1.8
2
Io(A)
Tj(°C)
Vo=2.5
Vo=3.3V
Vo=1.8V
Vin=5V
Tamb=25°C
AM11316v
AM11317v1
Tj( C)
20
30
40
50
60
70
80
90
100
110
0.2
0.4
0.6
0.8
11.2
1.4
1.6
1.8
2
Vin=12V
Tamb=25°C
Vo=3.3V
Vo=5V
Vo=2.5V
20
30
40
50
60
70
80
90
100
110
0.2
0.4
0.6
0.8
11.2
1.4
1.6
1.8
2
Vin=12V
Tamb=25°C
Vo=3.3V
Vo=5V
Vo=2.5V
Tj(°C)
Figure 10.
Efficiency vs. output current at
VIN = 5 V
Figure 11.
Efficiency vs. output current at
VIN = 12 V
AM11318v1
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
11.2
1.4
1.6
1.8
2
Io(A)
Vin=5V
Vout=2.5V
Vout=3.3V
Vout=1.8V
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=5V
Vout=2.5V
Vout=3.3V
Vout=1.8V
AM11319v1
65
70
75
80
85
90
95
0.20.4
0.60.8
1
1.2
1.4
1.6
1.8
2
Io(A)
Vin=12V
Vout=3.3V
Vout=2.5V
Vout=5V
65
70
75
80
85
90
95
0.2
0.4
0.6
0.8
11.2
1.4
1.6
1.8
2
Io(A)
Vin=12V
Vout=3.3V
Vout=2.5V
Vout=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com