Electronic Components Datasheet Search
  English  ▼

X  

AN1723 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1723
Description  Designing with the L5973AD high efficiency DC-DC converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1723 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1723 Datasheet HTML 5Page - STMicroelectronics AN1723 Datasheet HTML 6Page - STMicroelectronics AN1723 Datasheet HTML 7Page - STMicroelectronics AN1723 Datasheet HTML 8Page - STMicroelectronics AN1723 Datasheet HTML 9Page - STMicroelectronics AN1723 Datasheet HTML 10Page - STMicroelectronics AN1723 Datasheet HTML 11Page - STMicroelectronics AN1723 Datasheet HTML 12Page - STMicroelectronics AN1723 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN1723
Output capacitor
Doc ID 9553 Rev 4
9/24
4
Output capacitor
The output capacitor is very important in order to satisfy the output voltage ripple
requirement. Using a small inductor value is useful to reduce the size of the choke but
increases the current ripple. So, to reduce the output voltage ripple, a low ESR capacitor is
required. Nevertheless, the ESR of the output capacitor introduces a zero in the open loop
gain, which helps to increase the phase margin of the system. If the zero goes to every high
frequency, its effect is negligible. For this reason, ceramic capacitors and very low ESR
capacitors in general should be avoided. Tantalum and electrolytic capacitors are usually a
good choice for this purpose. A list of some tantalum capacitor manufacturers is provided in
Table 3.
4.1
Inductor
The inductor value is very important as it fixes the ripple current flowing through the output
capacitor. The ripple current is usually fixed at 20-40% of IOmax, which is 0.3-0.6 A with
IOmax = 1.5 A. The approximate inductor value is obtained using the following formula:
Equation 4
where TON is the ON time of the internal switch, given by D · T. For example, with
VOUT = 3.3 V, VIN = 12 V and ΔIO = 0.45 A, the minimum inductor value is about 12 µH.
The peak current through the inductor is given by:
Equation 5
and it can be observed that if the inductor value decreases, the peak current (which must be
lower than the current limit of the device) increases. So, when the peak current is fixed, a
higher inductor value allows a higher value for the output current. In Table 4, some inductor
manufacturers are listed.
Table 3.
Recommended output capacitors
Manufacturer
Series
Cap value (
μF)
Rated voltage (V)
ESR (m
Ω)
AVX
TPS
100 to 470
4 to 35
50 to 200
KEMET
T494/5
100 to 470
4 to 20
30 to 200
Sanyo POSCAP (1)
TPA/B/C
100 to 470
4 to 16
40 to 80
Sprague
595D
220 to 390
4 to 20
160 to 650
1.
POSCAP capacitors have characteristics very similar to tantalum capacitors.
L
V
IN
V
OUT
–
()
I
Δ
---------------------------------------
T
ON
⋅
=
I
PK
I
O
I
Δ
2
-----
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com